Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 16 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TESEO-LIV4F_V01 Datasheet HTML 12Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 13Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 14Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 15Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 16Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 17Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 18Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 19Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
12
Electrical characteristics
12.1
Parameter conditions
Unless otherwise specified, all voltages are referred to GND.
12.2
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst conditions of ambient
temperature, supply voltage and frequencies by tests in production on 100% of the devices with an operating
ambient temperature at TC = 25 °C.
12.3
Typical values
Unless otherwise specified, typical data are based on TC = 25 °C, VCC = 3.3 V and VBAT = 3.3 V.
They are given only as design guidelines and are not tested.
Unless otherwise specified, all typical curves are given only as design guidelines and are not tested.
Teseo-LIV4F
Electrical characteristics
DS13957 - Rev 6
page 16/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com