Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 20 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TESEO-LIV4F_V01 Datasheet HTML 16Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 17Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 18Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 19Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 20Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 21Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 22Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 23Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Temperature fall rate: max 4 °C/s
To avoid falling off, the Teseo module should be placed on the topside of the motherboard during soldering.
13.2
Repeated reflow soldering
Only single reflow soldering processes are recommended for boards populated with Teseo modules. To avoid
upside down orientation during the second reflow cycle, the Teseo module should not be submitted to two reflow
cycles on a board populated with components on both sides. In this case, the Teseo module should always be
placed on that side of the board which is submitted into the last reflow cycle.
Important:
Repeated reflow soldering processes and soldering the Teseo module upside down are not recommended.
13.3
Rework
The Teseo module can be unsoldered from the baseboard using a hot air gun. When using a hot air gun for
unsoldering the module, a maximum of one reflow cycle is allowed. In general, we do not recommend using a hot
air gun because this is an uncontrolled process and might damage the module.
Attention:
Use of a hot air gun can lead to overheating and severely damage the module. Always avoid overheating the
module.
After the module is removed, clean the pads before placing and hand soldering a new module.
Important:
Never attempt a rework on the module itself, for example, replace individual components. Such actions
immediately terminate the warranty.
Teseo-LIV4F
Reflow soldering profile
DS13957 - Rev 6
page 20/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com