Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 2 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny Dual-Band GNSS Low Power module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 2 Page - STMicroelectronics

  TESEO-LIV4F Datasheet HTML 1Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 2Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 3Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 4Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 5Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 6Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 7Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 8Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
Overview
1.1
GNSS performance
Receiver specification:
•
GPS/QZSS L1C/A (1575.42 MHz), L5C (1176.45 MHz)
•
GLONASS L1OF (1592.9525 ÷ 1610.485 MHz)
•
BeiDou B1i (1561.098 MHz), B2a (1207.14 MHz)
•
Galileo E1 (1575.42 MHz), E5a (1176.45 MHz)
•
SBAS L1C/A
Table 1. GNSS performance
Parameter
Specification
GNSS
GPS&BD
Unit
Time To First Fix(1)
Cold start
28.5
28.5
s
Warm start
20.0
21.0
Hot start
1.5
1.44
Sensitivity(2)
Tracking(3)
-162
-162
dBm
Cold start
-148
-148
Max fix rate
-
10
10
Hz
Horizontal position accuracy(4)
-
0.8
0.7
m
Accuracy of time pulse
99%
20
ns
Frequency of time pulse
1
1
1
Hz
Operational ITAR limits(5)
Altitude
18000
18000
m
Velocity
515
515
m/s
1. All satellites at -130 dBm - TTFF at 50%
2. For BEIDOU tracking sensitivity refers to MEO sats. For GEO the tracking sensitivity is -151 dBm
3. With external LNA.
4. CEP 50%, 24h static, Roof Antenna.
5. To be compliant with USA International Traffic in Arms Regulations (ITAR), when both the ITAR altitude limit and the ITAR
velocity limit are overpass taken the Teseo-LIV4F stops providing NMEA stream.
Teseo-LIV4F
Overview
DS13957 - Rev 3
page 2/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com