Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 14 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny Dual-Band GNSS Low Power module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TESEO-LIV4F Datasheet HTML 10Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 11Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 12Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 13Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 14Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 15Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 16Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 17Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
11
Regulatory compliance
The Teseo-LIV4F module has been certified according to the following standards:
•
Radio Equipment Directive (RED) 2014/53/EU
•
EN 62368-1:2020+A11:2020
•
ETSI EN 301 489-1 V2.2.3 + ETSI EN 301 489-19 V2.2.0
•
ETSI EN 303 413 V1.2.1
The module is provided by CE marking:
The Certificate of Conformity is available/downloadable at the following webpage: www.st.com at the Teseo-LIV4F
page.
For additional information refer to:
STMicroelectronics Via C. Olivetti, 2 Agrate Brianza (MB) 20864 (ITALY)
The Teseo-LIV4F module current production firmware release is:
$PSTMVER,GNSSLIB_8.6.x.xx_ARM*xx
The manufacturer, STMicroelectronics, declares that the Teseo-LIV4F radio equipment complies with the
2014/53/UE directive.
The full text of the EU declaration of conformity is available at the following Internet address:
www.st.com at the Teseo-LIV4F page.
11.1
Approvals
The Teseo-LIV4F module is RoHS and WEEE compliant.
In the countries belonging to the European Union, the Teseo-LIV4F is subject to differentiated recycling at the end
of its life cycle.
The Teseo-LIV4F must be disposed as an undifferentiated waste or with other domestic wastes.
The abandonment of this waste in the environment, or in landfills, or in waste-to-energy plants, has as
consequence the pollution of soil, air and water, with repercussions on human health.
Teseo-LIV4F
Regulatory compliance
DS13957 - Rev 3
page 14/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com