Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 18 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny Dual-Band GNSS Low Power module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TESEO-LIV4F Datasheet HTML 14Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 15Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 16Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 17Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 18Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 19Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 20Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 21Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
13
Reflow soldering profile
The Teseo-LIV4F is a high temperature strength surface mount GNSS module supplied on a 18 pin, 6-layer PCB.
The final assembly recommended reflow profiles are indicated here below.
Soldering phase must be executed with care: to avoid undesired melting phenomenon, particular attention has to
be taken on the set up of the peak temperature.
Here below some suggestions about the temperature profile based on the following recommendations.
Table 10. Module soldering profile values
Profile feature
PB-free assembly
Average ramp-up rate (TSMAX to Tp)
3 °C/sec max
Preheat:
- Temperature min (TSmin)
- Temperature max (TSmax)
- Time (tSmin to tSmax) (tS)
150 °C
200 °C
60 ÷ 100 sec
Time maintained above:
- Temperature (TL)
- Time (tL)
217° C
60 ÷ 70 sec
Peak temperature (TP)
245 ± 5 °C
Time within 5 °C of actual peak temperature (TP)
10 ÷ 20 sec
Ramp-down rate (from TP to 100 °C)
1.9 °C/sec
Time from 25 °C to peak temperature
8 minute max.
Figure 3. Module soldering profile graph
Teseo-LIV4F
Reflow soldering profile
DS13957 - Rev 3
page 18/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com