Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 10 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny Dual-Band GNSS Low Power module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TESEO-LIV4F Datasheet HTML 6Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 7Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 8Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 9Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 10Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 11Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 12Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 13Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
7
Antenna voltage supply (VCC_RF, pin 14)
Teseo-LIV4F has built-in LNA and SAW. It is recommended to use an active antenna with gain less than 36 dB
and the noise figure less than 1.5 dB.
Teseo-LIV4F has built-in short circuit detection and open circuit detection function, which can detect the status of
normal connection, and send out antenna status prompt message in NMEA data:
•
Short circuit protection: once an overcurrent is detected at the VCC_RF pin (pin 14), the module will cut off
this power supply automatically to prevent permanent damages.
•
Open circuit detection: Teseo-LIV4F can detect an open circuit in the antenna.
Table 3 reports the antenna status threshold.
Table 3. Antenna Status current threshold
Antenna Status
Status Output
VCC_RF on current range
Open circuit
OPEN
0 < VCC_RF ≤ 1 mA
Regular circuit or open circuit
OK or OPEN
1 mA < VCC_RF ≤ 2 mA
Regular circuit
OK
2 mA < VCC_RF ≤ 40 mA ± 5 mA
Short circuit
SHORT
40 mA ±5 mA < VCC_RF ≤ 55 mA
Teseo-LIV4F
Antenna voltage supply (VCC_RF, pin 14)
DS13957 - Rev 3
page 10/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com