Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 24 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny Dual-Band GNSS Low Power module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TESEO-LIV4F Datasheet HTML 20Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 21Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 22Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 23Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 24Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 25Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 26Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 27Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Table 12. LCC-18 (9.7 x 10.1 mm) package specifications tolerance
Linear Measures
Angle Measures
No decimal
±1 mm
No decimal
±0.10°
.X
±0.2 mm
.X
±0.30°
.XX
±0.1 mm
-
-
.XXX
±0.05 mm
-
-
.XXXX
±0.025 mm
-
-
Teseo-LIV4F
LCC-18 (9.7 x 10.1 mm) package information
DS13957 - Rev 3
page 24/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com