Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 1 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny Dual-Band GNSS Low Power module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 1 Page - STMicroelectronics

  TESEO-LIV4F Datasheet HTML 1Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 2Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 3Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 4Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 5Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 6Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 7Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 8Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Features
•
Simultaneous multiconstellation and multi band GNSS (GPS/Galileo/Glonass/
BeiDou/QZSS)
•
IRNSS constellation ready
•
-162 dBm tracking sensitivity
•
Submeter Positioning Accuracy
•
Embedded Flash
•
Firmware upgrade
•
Free firmware configuration
•
VCC/VBAT supply voltage range: 3.0 V to 3.63 V
•
Tiny LCC-18 pin package (9.7 x 10.1 mm)
•
Operating temperature (-40 °C ÷ 85 °C)
•
10 μA standby current consumption and 48.8 mA GNSS L1&L5 tracking
current consumption
Description
Teseo-LIV4F module is an easy-to-use Global Navigation Satellite System (GNSS)
standalone low power module, embedding Teseo IV single die standalone positioning
receiver IC working simultaneously on multiple constellations (GPS/Galileo/Glonass/
BeiDou/QZSS).
The Teseo-LIV4F modules bring the proven accuracy and robustness of Teseo IV
multi bands chips to the reach of everyone: the embedded firmware and the complete
evaluation environment save development time, while the compactness and cost-
effectiveness of this solution make it ideal for several applications, such as insurance,
goods tracking, drones, tolling, anti-theft systems, people and pet location, vehicle
tracking, emergency calls, fleet management, vehicle sharing, diagnostics and public
transportation.
Within its 9.7 x 10.1 mm tiny size, Teseo-LIV4F is offering superior accuracy thanks
to the on-board Temperature Compensated Crystal Oscillator (TCXO) and a reduced
Time To First Fix (TTFF) relying to its dedicated Real Time Clock (RTC) oscillator.
Teseo-LIV4F provides also the Real-Time Assisted GNSS able to predict satellite
data based on previous observation of satellite.
Teseo-LIV4F module, being a certified solution, optimizes the time to market of the
final applications with a temperature operating range from -40°C to 85°C.
LCC-18
(9.7 x 10.1 mm)
Product status link
Teseo-LIV4F
Product summary
Order code
Teseo-LIV4F
Marking
Teseo-LIV4F
Temperature
range
-40 °C ÷ 85 °C
Package
LCC-18
(9.7 x 10.1 mm)
Packing
Tape and Reel
Tiny Dual-Band GNSS Low Power module
Teseo-LIV4F
Datasheet
DS13957 - Rev 3 - March 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TESEO-LIV4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TESEO-LIV4FTR STMICROELECTRONICS-TESEO-LIV4FTR Datasheet
1Mb / 32P
Tiny dual-band GNSS low power and measurement engine modules
30-May-2024
TESEO-LIV4F STMICROELECTRONICS-TESEO-LIV4F_V01 Datasheet
1Mb / 32P
Tiny dual-band GNSS low power and measurement engine modules
30-May-2024
More results

Similar Description - TESEO-LIV4F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6752 AVAGO-AJAV-6752 Datasheet
168Kb / 3P
Dual-Band Power Amplifier Module
logo
List of Unclassifed Man...
CGGP.25.4.E.02 ETC2-CGGP.25.4.E.02 Datasheet
1Mb / 15P
Dual-band GNSS Operation
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02 Datasheet
1Mb / 15P
Dual-band GNSS Operation
logo
STMicroelectronics
TESEO-LIV3R STMICROELECTRONICS-TESEO-LIV3R Datasheet
849Kb / 30P
Tiny ROM GNSS module
10-Jun-2019
logo
Tallysman Wireless Inc.
TW7872 TALLYSMAN-TW7872 Datasheet
251Kb / 2P
TW7872 Magnetic Mount Dual Band GNSS Antenna
logo
STMicroelectronics
TESEO-LIV3F STMICROELECTRONICS-TESEO-LIV3F Datasheet
783Kb / 37P
Tiny GNSS module
20-Sep-2019
logo
Quectel Wireless Soluti...
LC79D QUECTEL-LC79D Datasheet
1Mb / 2P
Ultra-Small Dual-Band Multi-Constellation GNSS Module
logo
STMicroelectronics
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
17-Aug-2022
logo
Yuechung International ...
YIC51612EBGGB YIC-YIC51612EBGGB Datasheet
1Mb / 19P
Ultra Low Power & Multi-Constellation GNSS Module
YIC73030PGMGG YIC-YIC73030PGMGG Datasheet
1Mb / 16P
Ultra Low Power GNSS Antenna Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com