Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 4 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny Dual-Band GNSS Low Power module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 4 Page - STMicroelectronics

  TESEO-LIV4F Datasheet HTML 1Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 2Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 3Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 4Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 5Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 6Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 7Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 8Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1.4
Pin out description
Table 2. Module pin out description
Pin #
Name
I/O
Description
1
GND
Ground
Ground
2
UART-TX
O
Serial Port Tx (if not used, must be left floating)
3
UART-RX
I
Serial Port Rx
4
PPS
O
Time pulse (PPS) (if not used, must be left floating)
5
WakeUp
I
External Interrupt Pin (if not used, must be left floating)
6
VBAT
I
Backup voltage supply
7
Reserved
-
Reserved
8
VCC
I
Main voltage supply
9
nReset
I
nReset (if not used, must be left floating)
10
GND_RF
Ground
Ground
11
RF_IN
I
RF Input signal
VCC voltage is available on the pin
12
GND_RF
Ground
Ground
13
Reserved
-
Reserved
14
VCC_RF
O
External Antenna Supply (voltage equals to VCC, pin 8)
15
Reserved
-
Reserved
16
I2C_SDA
I/O
I2C Data (if not used, must be left floating)
17
I2C_SCL
I/O
I2C Clock (if not used, must be left floating)
18
PRG
I
Program or WakeUp from DeepStandby
Teseo-LIV4F
Pin out description
DS13957 - Rev 3
page 4/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com