Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8535-21 Datasheet (PDF) - Renesas Technology Corp

8535-21 Datasheet PDF - Renesas Technology Corp
Part # 8535-21
Download  8535-21 Download
File Size   587.44 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator

8535-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
8535-21 Datasheet PDF - Renesas Technology Corp

Part # 8535-21
Download  8535-21 Click to download

File Size   587.44 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator

8535-21 Datasheet (HTML) - Renesas Technology Corp


8535-21 Product details

Features
• Two differential 3.3V LVPECL outputs
• Selectable CLK0 or CLK1 inputs for redundant and multiple
frequency fanout applications
• CLK0 or CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 266MHz
• Translates LVCMOS and LVTTL levels to 3.3V LVPECL levels
• Output skew: 20ps (maximum)
• Part-to-part skew: 300ps (maximum)
• Propagation delay: 1.6ns (maximum)
• Additive phase jitter, RMS: 0.03ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free (RoHS 6)




Similar Part No. - 8535-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
More results


Similar Description - 8535-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
87016 RENESAS-87016 Datasheet
865Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
01/21/20
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
ICS8535I-21 RENESAS-ICS8535I-21 Datasheet
913Kb / 15P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR
NOVEMBER 24, 2008
8701 RENESAS-8701 Datasheet
373Kb / 14P
Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com