Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8536-02 Datasheet (PDF) - Renesas Technology Corp

8536-02 Datasheet PDF - Renesas Technology Corp
Part # 8536-02
Download  8536-02 Download
File Size   490.31 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL

8536-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
8536-02 Datasheet PDF - Renesas Technology Corp

Part # 8536-02
Download  8536-02 Click to download

File Size   490.31 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL

8536-02 Datasheet (HTML) - Renesas Technology Corp


8536-02 Product details

Features
• Six 3.3V, 2.5V differential LVPECL output pairs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Maximum output frequency: 266MHz
• Crystal frequency range: 14MHz – 40MHz
• Output skew: 55ps (maximum)
• Part-to-part skew: 500ps (maximum)
• Propagation delay: 1.85ns (maximum), 3.3V
• Additive phase jitter, RMS: 0.149ps (typical)
• Full 3.3V or 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free (RoHS 6) package




Similar Part No. - 8536-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8536-02 IDT-8536-02 Datasheet
336Kb / 18P
Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
More results


Similar Description - 8536-02

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8536-02 IDT-ICS8536-02 Datasheet
884Kb / 17P
Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536I-33 IDT-ICS8536I-33 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
ICS8536AG IDT-ICS8536AG Datasheet
176Kb / 21P
Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C10806B PERICOM-PI6C10806B Datasheet
741Kb / 13P
1.8V/2.5V/3.3V, 100MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Integrated Device Techn...
8536-02 IDT-8536-02 Datasheet
336Kb / 18P
Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
logo
Renesas Technology Corp
8536I-33 RENESAS-8536I-33 Datasheet
575Kb / 20P
Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
ICS8534I-13 RENESAS-ICS8534I-13 Datasheet
623Kb / 19P
Low Skew, 1-to-4, Crystal Oscillator/LVCMOSto- 3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
2019
ICS8536-01 RENESAS-ICS8536-01 Datasheet
469Kb / 22P
Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com