Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet (PDF) - Renesas Technology Corp

DA9062 Datasheet PDF - Renesas Technology Corp
Part # DA9062
Download  DA9062 Download
File Size   1759.76 Kbytes
Page   101 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC for Applications Requiring up to 8.5 A

DA9062 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9062 Datasheet PDF - Renesas Technology Corp

Part # DA9062
Download  DA9062 Click to download

File Size   1759.76 Kbytes
Page   101 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC for Applications Requiring up to 8.5 A

DA9062 Datasheet (HTML) - Renesas Technology Corp


DA9062 Product details

General Description
DA9062 is a power management integrated circuit (PMIC) optimized for supplying systems with
single- and dual-core processors, I/O, DDR memory, and peripherals. It targets mobile devices,
medical equipment, IVI systems, and FPGA based applications.
DA9062 features four buck converters providing a total current of 8.5 A. High efficiency is achieved
over a wide load range with PFM mode available for low power or sleep modes. All power switches
are integrated, therefore, external Schottky diodes are not required. Furthermore, low-profile
inductors can be used with DA9062. Two of the buck converters can be used in a dual-phase
configuration, and one can be used as a DDR VTT supply. The four LDO regulators with
programmable output voltage provide up to 300 mA.
Dynamic voltage control (DVC) allows dynamic control of DA9062 supply voltages according to the
operating point of the system. It is controlled by writing directly to the registers using the I
2C
compatible 2-wire interface or the GPIOs.
DA9062 features a programmable power sequencer that handles start-up and shutdown sequences.
Power mode transitions can be triggered with software control, GPIOs, or with the on-key. Several
types of on-key presses can be detected to trigger different power mode transitions.
The real-time clock (RTC), with an external 32 kHz crystal oscillator, provides time keeping and alarm
functions. Additionally, the integrated watchdog timer monitors the system.
Five GPIOs are able to perform system functions, including: keypad supervision, application wakeup,
and timing-controlled external regulators/power switches or other ICs.
DA9062 is also available as an automotive AEC-Q100 Grade 2 version.

Key Features
■ Input voltage 2.8 V to 5.5 V
■ Four buck converters with dynamic voltage
control:
□ Buck1: 0.3 V to 1.57 V, 2.5 A
□ Buck2: 0.3 V to 1.57 V, 2.5 A
(can be used in dual-phase configuration
with Buck1)
□ Buck3: 0.8 V to 3.34 V, 2 A
□ Buck4: 0.53 V to 1.8 V, 1.5 A
(can be used as DDR VTT supply)
■ 3 MHz switching frequency
(enables low profile inductors)
■ Four LDO regulators:
□ LDO1: 0.9 V to 3.6 V, 100 mA
□ LDO2, LDO3, LDO4: 0.9 V to 3.6 V,
300 mA
■ Programmable power mode sequencer
■ System supply and junction temperature
monitoring
■ Watchdog timer
■ Five GPIOs
■ Coin cell/super-capacitor charger
■ Ultra-low power RTC with alarm
■ 32 kHz oscillator with external crystal
■ -40 °C to +125 °C junction temperature range
■ 40-pin QFN 6 mm × 6 mm package, 0.5 mm
pitch (exposed paddle)
■ Automotive AEC-Q100 Grade 2 version
available




Similar Part No. - DA9062

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
Entry level PMIC for applications requiring up to 8.5 A
DA9062-A DIALOG-DA9062-A Datasheet
1Mb / 93P
PMIC for Applications Requiring up to 8.5 A
logo
Renesas Technology Corp
DA9062-A RENESAS-DA9062-A Datasheet
1Mb / 99P
PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
logo
Dialog Semiconductor
DA9062-XXAM1 DIALOG-DA9062-XXAM1 Datasheet
1Mb / 93P
Entry level PMIC for applications requiring up to 8.5 A
DA9062-xxAM1 DIALOG-DA9062-xxAM1 Datasheet
1Mb / 96P
PMIC for applications requiring up to 8.5 A
More results


Similar Description - DA9062

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9061 DIALOG-DA9061 Datasheet
1Mb / 82P
Entry level PMIC for applications requiring up to 6 A
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
Entry level PMIC for applications requiring up to 8.5 A
DA9061 DIALOG-DA9061_17 Datasheet
1Mb / 82P
PMIC for applications requiring up to 6 A
DA9062 DIALOG-DA9062_16 Datasheet
1Mb / 96P
PMIC for applications requiring up to 8.5 A
DA9062-A DIALOG-DA9062-A Datasheet
1Mb / 93P
PMIC for Applications Requiring up to 8.5 A
logo
Pentair plc. All rights...
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
logo
Dialog Semiconductor
DA9061-A DIALOG-DA9061-A Datasheet
1Mb / 86P
PMIC for Applications Requiring up to 6 A
logo
Renesas Technology Corp
DA9061-A RENESAS-DA9061-A Datasheet
1Mb / 91P
PMIC for Applications Requiring up to 6 A
11-Feb-2022
DA9061 RENESAS-DA9061 Datasheet
1Mb / 86P
PMIC for Applications Requiring up to 6 A
11-Feb-2022
DA9062-A RENESAS-DA9062-A Datasheet
1Mb / 99P
PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com