Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 6Page - Renesas Technology Corp DA9062 Datasheet HTML 7Page - Renesas Technology Corp DA9062 Datasheet HTML 8Page - Renesas Technology Corp DA9062 Datasheet HTML 9Page - Renesas Technology Corp DA9062 Datasheet HTML 10Page - Renesas Technology Corp DA9062 Datasheet HTML 11Page - Renesas Technology Corp DA9062 Datasheet HTML 12Page - Renesas Technology Corp DA9062 Datasheet HTML 13Page - Renesas Technology Corp DA9062 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
10 of 99
© 2022 Renesas Electronics
3
Absolute Maximum Ratings
Table 4 lists the absolute maximum ratings of the device. Exceeding these ratings may cause
permanent damage to the device. Device functionality is only guaranteed under the conditions listed
in Sections 4 and 5. Operating the device in conditions exceeding those listed in Sections 4 and 5,
but compliant with the absolute maximum ratings listed in Table 4, for extended periods of time may
affect device reliability.
Table 4: Absolute Maximum Ratings
Parameter
Symbol
Note
Min
Typ
Max
Unit
Storage temperature
-65
+150
°C
Junction temperature
TJ
-40
+150
Note 1
°C
Supply voltage
VSYS
-0.3
6.0
V
VBBAT
-0.3
3.25
V
buck VDD
-0.3
VSYS + 0.4
Note 2
V
VTP
-0.3
8.0
Note 3
V
All other
pins
-0.3
VSYS + 0.3
Note 2
V
ESD protection HBM
VESD_HBM
2000
V
ESD protection CDM
VESD_CDM
Corner pins
750
V
All other pins
500
Note 1
See Sections 5.10 and 8.10 for more details.
Note 2
Voltage must not exceed 5.5 V.
Note 3
Voltage on TP pin should be 0 V except during in-circuit programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com