Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 65Page - Renesas Technology Corp DA9062 Datasheet HTML 66Page - Renesas Technology Corp DA9062 Datasheet HTML 67Page - Renesas Technology Corp DA9062 Datasheet HTML 68Page - Renesas Technology Corp DA9062 Datasheet HTML 69Page - Renesas Technology Corp DA9062 Datasheet HTML 70Page - Renesas Technology Corp DA9062 Datasheet HTML 71Page - Renesas Technology Corp DA9062 Datasheet HTML 72Page - Renesas Technology Corp DA9062 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
69 of 99
© 2022 Renesas Electronics
Table 48: IRQ_MASK_B (0x00B)
Field
Bit
Type
Description
M_VDD_WARN
7:7
R/W
IRQ mask for under-voltage event (E_VDD_WARN) VSYS <
VDD_FAULT_UPPER
Reserved
6:6
·
R
/
W
Reserved
M_DVC_RDY
5:5
R/W
All supplies have finished DVC ramping.
Reserved
4:4
·
R
/
W
Reserved
M_LDO_LIM
3:3
R/W
IRQ mask for LDO over-current event (E_LDO_LIM)
Reserved
2:2
·
R
/
W
Reserved
M_TEMP
1:1
R/W
IRQ mask for junction over-temperature event (E_TEMP)
Reserved
0:0
·
R
/
W
Reserved
Table 49: IRQ_MASK_C (0x00C)
Field
Bit
Type
Description
Reserved
7:5
R/W
Reserved
M_GPI4
4:4
R/W
IRQ mask for GPI4 event (E_GPI4)
M_GPI3
3:3
R/W
IRQ mask for GPI3 event (E_GPI3)
M_GPI2
2:2
R/W
IRQ mask for GPI2 event (E_GPI2)
M_GPI1
1:1
R/W
IRQ mask for GPI1 event (E_GPI1)
M_GPI0
0:0
R/W
IRQ mask for GPI0 event (E_GPI0)
A.1.5
System Control
Table 50: CONTROL_A (0x00E)
Field
Bit
Type
Description
Reserved
7:7
R/W
Reserved
M_POWER1_EN
6:6
R/W
Write mask for POWER1_EN
M_POWER_EN
5:5
R/W
Write mask for POWER_EN
M_SYSTEM_EN
4:4
R/W
Write mask for SYSTEM_EN
STANDBY
3:3
R/W
Clearing control SYSTEM_EN or releasing SYS_EN (GPIO4
alternate function) or a long press of nONKEY will:
0: Power-down to slot 0.
1: Power-down as far as defined by the PART_DOWN pointer.
POWER1_EN
2:2
R/W
Target status of power domain POWER1.
Bus write masked with M_POWER1_EN.
POWER_EN
1:1
R/W
Target status of power domain POWER.
Bus write masked with M_POWER_EN.
SYSTEM_EN
0:0
R/W
Target status of power domain SYSTEM.
Bus write masked with M_SYSTEM_EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com