Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 88Page - Renesas Technology Corp DA9062 Datasheet HTML 89Page - Renesas Technology Corp DA9062 Datasheet HTML 90Page - Renesas Technology Corp DA9062 Datasheet HTML 91Page - Renesas Technology Corp DA9062 Datasheet HTML 92Page - Renesas Technology Corp DA9062 Datasheet HTML 93Page - Renesas Technology Corp DA9062 Datasheet HTML 94Page - Renesas Technology Corp DA9062 Datasheet HTML 95Page - Renesas Technology Corp DA9062 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
92 of 99
© 2022 Renesas Electronics
A.3
PAGE 2
A.3.1
Customer Trim and Configuration
Table 131: INTERFACE (0x105)
Field
Bit
Type
Description
IF_BASE_ADDR
7:4
R
Note 1
2-wire slave address MSBs. The LSBs of the slave address are
“000”. The complete slave address is then IF_BASE_ADDR * 23.
However, the device also responds to IF_BASE_ADDR * 23+1.
Reserved
3:0
·
R
Reserved
Note 1
The interface configuration can be written/modified only for unmarked samples which do not have the
control OTP_APPS_LOCK asserted/fused.
Table 132: CONFIG_A (0x106)
Field
Bit
Type
Description
Reserved
7:7
R
Reserved
PM_IF_HSM
6:6
R/W
2-wire interface permanently in high speed mode
PM_IF_FMP
5:5
R/W
2-wire interface selects fast mode+ timings
PM_IF_V
4:4
R/W
2-wire supplied from VDDCORE (0) / VDDIO (1).
IRQ_TYPE
3:3
R/W
nIRQ is active low (0) / high (1).
PM_O_TYPE
2:2
R/W
nRESET and nIRQ are push pull (0) / open-drain (1).
Reserved
1:1
R/W
Reserved
PM_I_V
0:0
R/W
nRESETREQ, SYS_EN, PWR_EN and KEEPACT supplied from
VDDCORE (0) / VDDIO (1).
Table 133: CONFIG_B (0x107)
Field
Bit
Type
Description
Reserved
7:7
R/W
Reserved
VDD_HYST_ADJ
6:4
R/W
nVDD_FAULT comparator hysteresis from 100 mV (0x0) to 450
mV (0x7) in 50 mV steps.
VDD_FAULT_ADJ
3:0
R/W
nVDD_FAULT comparator level from 2.5 V (0x0) to 3.25 V (0xF) in
50 mV steps.
Table 134: CONFIG_C (0x108)
Field
Bit
Type
Description
Reserved
7:7
R/W
Reserved
BUCK3_CLK_INV
6:6
R/W
Invert Buck3 clock polarity.
Reserved
5:5
R/W
Reserved
BUCK4_CLK_INV
4:4
R/W
Invert Buck4 clock polarity.
BUCK1_CLK_INV
3:3
R/W
Invert Buck1 clock polarity with respect to Buck2.
BUCK_ACTV_DISCHRG
2:2
R/W
Enable active discharging of buck rails.
Reserved
1:0
R/W
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com