Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 9Page - Renesas Technology Corp DA9062 Datasheet HTML 10Page - Renesas Technology Corp DA9062 Datasheet HTML 11Page - Renesas Technology Corp DA9062 Datasheet HTML 12Page - Renesas Technology Corp DA9062 Datasheet HTML 13Page - Renesas Technology Corp DA9062 Datasheet HTML 14Page - Renesas Technology Corp DA9062 Datasheet HTML 15Page - Renesas Technology Corp DA9062 Datasheet HTML 16Page - Renesas Technology Corp DA9062 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
13 of 99
© 2022 Renesas Electronics
5
Electrical Characteristics
5.1
Digital I/O
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 8: Digital I/O Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input high voltage
(GPI0 to GPI4,
nRESETREQ)
VIH
VDDCORE mode
1.0
VSYS
V
VDDIO mode
0.7 * VDDIO
VSYS
Input low voltage
(GPI0 to GPI4,
nRESETREQ)
VIL
VDDCORE mode
-0.3
0.4
V
VDDIO mode
VDDIO
≥ 1.5 V
-0.3
0.3 * VDDIO
Input high voltage
(nONKEY)
VIH
1.0
VSYS
V
Input low voltage
(nONKEY)
VIL
-0.3
0.4
V
Input high voltage
(SCL, SDA)
VIH
VDDCORE mode
1.0
VSYS
V
VDDIO mode
0.7 * VDDIO
VSYS
Input low voltage
(SCL, SDA)
VIL
VDDCORE mode
-0.3
0.4
V
VDDIO mode
VDDIO
≥ 1.5 V
-0.3
0.3 * VDDIO
Output high voltage
(GPIO0 to GPIO4,
nRESET, nIRQ)
VOH
IOUT = -1 mA
Push-pull mode
0.7 * VDDIO
V
Output low voltage
(GPIO0 to GPIO4,
nRESET, nIRQ)
VOL
IOUT = 1 mA
0.3
V
Output low voltage
(SDA)
VOL
IOUT = 8 mA
0.4
V
IOUT = 3 mA
0.24
Source current capability
(GPIO0 to GPIO4)
IOH
VOUT = 0.7 * VDDIO
VDDIO
≥ 1.8 V
-1
mA
Sink current capability
(GPIO0 to GPIO4)
IOL
VOUT = 0.3 V
1
mA
Input capacitance
(SCL, SDA)
CIN
10
pF
Pull-down resistance
(GPIO0 to GPIO4)
RPD
50
100
250
kΩ
Pull-up resistance
(GPIO0 to GPIO4)
RPU
VDDIO = 1.5 V
60
180
310
k
VDDIO = 1.8 V
45
120
190
VDDIO = 3.3 V
20
40
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com