Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 44Page - Renesas Technology Corp DA9062 Datasheet HTML 45Page - Renesas Technology Corp DA9062 Datasheet HTML 46Page - Renesas Technology Corp DA9062 Datasheet HTML 47Page - Renesas Technology Corp DA9062 Datasheet HTML 48Page - Renesas Technology Corp DA9062 Datasheet HTML 49Page - Renesas Technology Corp DA9062 Datasheet HTML 50Page - Renesas Technology Corp DA9062 Datasheet HTML 51Page - Renesas Technology Corp DA9062 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
48 of 99
© 2022 Renesas Electronics
When entering RESET mode, all user and system events are cleared. The DA9062
’s register
configuration will be re-loaded from OTP when leaving the RESET mode (with the exception of
register AUTO_BOOT in case of a VDD_START fault).
FAULT_LOG, GP_ID_10 to GP_ID_19 and other non-OTP loaded registers, for example the RTC
calendar and alarm, will not be changed when leaving the RESET mode.
Some reset conditions such as writing a 1 to register SHUTDOWN, a watchdog error, or a junction
over-temperature will be automatically cleared. Other reset triggers, such as asserting nRESETREQ,
need to be released to proceed from RESET to POWERDOWN mode. If the application requires
regulators to discharge completely before a power-up sequence, a minimum duration of the RESET
mode can be selected via RESET_DURATION.
The RESET_DURATION only applies when a PMIC is powered down through the RESET state,
such as a result of a SHUTDOWN command, nRESETREQ, or VSYS under-voltage fault. The
RESET_DURATION does not apply to a PMIC cold-boot.
If the reset was initiated by a user’s long press of nONKEY, initially only KEY_RESET is set and the
nIRQ port will be asserted. KEY_RESET signals the host that a shutdown sequence is started. If the
host does not then clear KEY_RESET within 1 s by writing a 1 to the related bit in register
FAULT_LOG, the shutdown sequence will complete. When the reset condition has disappeared,
DA9062 requires a supply (VSYS > VDD_FAULT_UPPER) that provides enough power to start-up from the
POWERDOWN mode.
RESET mode also allows automatic transition to RTC mode where all features of DA9062, except
the RTC oscillator and calendar (including LDOCORE), are disabled. This mode is selected in
register RTC_MODE_SD.
8.8.4
POWERDOWN Mode
The POWERDOWN mode is a low-power state where most of the regulators are disabled. The
transition from active to POWERDOWN mode (and vice versa) is handled by the programmable
sequencer. Entry to POWERDOWN mode from ACTIVE mode is triggered by the de-assertion of
SYSTEM_EN (either via SYS_EN or register access) or by a short press of nONKEY. The
POWERDOWN mode is also passed during start-up and shutdown to RESET mode sequences.
In POWERDOWN mode the internal supplies are enabled, and the control interface and GPIOs are
operational.
The power state machine features a retry counter that limits the number of transitions from
POWERDOWN to ACTIVE under certain conditions. A watchdog timeout triggers POWERDOWN
mode entry, but it does not necessarily clear the conditions that trigger a transition back to the
ACTIVE mode. This could cause an endless loop between the ACTIVE and POWERDOWN modes.
Therefore, after each watchdog timeout the retry counter is decremented, and after the retry counter
reaches zero, DA9062 blocks all wakeup events and stays in POWERDOWN mode. This freeze
function can be regarded as a substate of the POWERDOWN mode that is undetectable from
outside the DA9062.
Table 29 describes the state transitions with a level-sensitive wakeup and the freeze function.
Table 29: State Transitions with a Level-Sensitive (LS) GPI
Current State
LS GPI
SYS_EN
PWR_EN
Freeze
Note 1
Next State
POWERDOWN
x
x
x
1
POWERDOWN
POWERDOWN
0
0
x
0
POWERDOWN
POWERDOWN
x
1
0
0
SYSTEM
POWERDOWN
x
1
1
0
ACTIVE
POWERDOWN
1
x
0
0
SYSTEM
POWERDOWN
1
x
1
0
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com