Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 81Page - Renesas Technology Corp DA9062 Datasheet HTML 82Page - Renesas Technology Corp DA9062 Datasheet HTML 83Page - Renesas Technology Corp DA9062 Datasheet HTML 84Page - Renesas Technology Corp DA9062 Datasheet HTML 85Page - Renesas Technology Corp DA9062 Datasheet HTML 86Page - Renesas Technology Corp DA9062 Datasheet HTML 87Page - Renesas Technology Corp DA9062 Datasheet HTML 88Page - Renesas Technology Corp DA9062 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
85 of 99
© 2022 Renesas Electronics
Table 104: WAIT (0x097)
Field
Bit
Type
Description
WAIT_DIR
7:6
R/W
WAIT_STEP power sequence selection
00: Do not wait during WAIT_STEP of power sequencer except for
normal slot time.
01: Wait during up sequence.
10: Wait during down sequence.
11: Wait during up and down sequence.
TIME_OUT
5:5
R/W
Timeout when WAIT_MODE = 0
0: no timeout when waiting for external signal (GPIO3).
1: 500 ms timeout when waiting for external signal (GPIO3).
WAIT_MODE
4:4
R/W
0: Wait for external signal (GPIO3) to be active.
1: Start timer and wait for expiration.
WAIT_TIME
3:0
R/W
Wait timer during WAIT STEP of power sequencer (±10 %)
0000: Do not wait during WAIT_STEP of power sequencer except
for normal slot time.
0001: 512 µs
0010: 1.0 ms
0011: 2.0 ms
0100: 4.1 ms
0101: 8.2 ms
0110: 16.4 ms
0111: 32.8 ms
1000: 65.5 ms
1001: 128 ms
1010: 256 ms
1011: 512 ms
1100: 1.0 s
1101: 2.0 s
1110: 4.1 s
1111: 8.2 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com