Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 83Page - Renesas Technology Corp DA9062 Datasheet HTML 84Page - Renesas Technology Corp DA9062 Datasheet HTML 85Page - Renesas Technology Corp DA9062 Datasheet HTML 86Page - Renesas Technology Corp DA9062 Datasheet HTML 87Page - Renesas Technology Corp DA9062 Datasheet HTML 88Page - Renesas Technology Corp DA9062 Datasheet HTML 89Page - Renesas Technology Corp DA9062 Datasheet HTML 90Page - Renesas Technology Corp DA9062 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
87 of 99
© 2022 Renesas Electronics
A.2.2
Power Supply Control
Table 107: BUCK_ILIM_A (0x09A)
Field
Bit
Type
Description
Reserved
7:4
R/W
Reserved
BUCK3_ILIM
3:0
R/W
Buck3 current limit = (1700 + BUCK3_ILIM * 100) mA
Table 108: BUCK_ILIM_B (0x09B)
Field
Bit
Type
Description
Reserved
7:4
R/W
Reserved
BUCK4_ILIM
3:0
R/W
Buck4 current limit = (700 + BUCK4_ILIM * 100) mA
Table 109: BUCK_ILIM_C (0x09C)
Field
Bit
Type
Description
BUCK2_ILIM
7:4
R/W
Buck2 current limit = (1400 + BUCK2_ILIM * 200) mA
In half-current mode the limit is internally halved.
BUCK1_ILIM
3:0
R/W
Buck1 current limit = (1400 + BUCK1_ILIM * 200) mA
In half-current mode the limit is internally halved.
Table 110: BUCK2_CFG (0x09D)
Field
Bit
Type
Description
BUCK2_MODE
7:6
R/W
Controls the mode of the buck:
00: Controlled by BUCK2_SL_A and BUCK2_SL_B
01: Sleep (PFM)
10: Synchronous (PWM)
11: Automatic
BUCK2_PD_DIS
5:5
R/W
Disable pull-down resistor when disabled.
Reserved
4:0
R/W
Reserved
Table 111: BUCK1_CFG (0x09E)
Field
Bit
Type
Description
BUCK1_MODE
7:6
R/W
Controls the mode of the buck:
00: Controlled by BUCK1_SL_A and BUCK1_SL_B
01: Sleep (PFM)
10: Synchronous (PWM)
11: Automatic
BUCK1_PD_DIS
5:5
R/W
Disable pull-down resistor when disabled.
Reserved
4:1
R/W
Reserved
Reserved
0:0
R/W
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com