Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 79Page - Renesas Technology Corp DA9062 Datasheet HTML 80Page - Renesas Technology Corp DA9062 Datasheet HTML 81Page - Renesas Technology Corp DA9062 Datasheet HTML 82Page - Renesas Technology Corp DA9062 Datasheet HTML 83Page - Renesas Technology Corp DA9062 Datasheet HTML 84Page - Renesas Technology Corp DA9062 Datasheet HTML 85Page - Renesas Technology Corp DA9062 Datasheet HTML 86Page - Renesas Technology Corp DA9062 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
83 of 99
© 2022 Renesas Electronics
Table 91: ID_2_1 (0x083)
Field
Bit
Type
Description
LDO2_STEP
7:4
R/W
Sequencer step for LDO2
LDO1_STEP
3:0
R/W
Sequencer step for LDO1
Table 92: ID_4_3 (0x084)
Field
Bit
Type
Description
LDO4_STEP
7:4
R/W
Sequencer step for LDO4
LDO3_STEP
3:0
R/W
Sequencer step for LDO3
Table 93: ID_12_11 (0x088)
Field
Bit
Type
Description
PD_DIS_STEP
7:4
R/W
Sequencer step for PD_DIS register functionality.
Reserved
3:0
R/W
Reserved
Table 94: ID_14_13 (0x089)
Field
Bit
Type
Description
BUCK2_STEP
7:4
R/W
Sequencer step for Buck2
BUCK1_STEP
3:0
R/W
Sequencer step for Buck1
Table 95: ID_16_15 (0x08A)
Field
Bit
Type
Description
BUCK3_STEP
7:4
R/W
Sequencer step for Buck3
BUCK4_STEP
3:0
R/W
Sequencer step for Buck4
Table 96: ID_22_21 (0x08D)
Field
Bit
Type
Description
GP_FALL1_STEP
7:4
R/W
Sequencer step to de-assert GPO0
GP_RISE1_STEP
3:0
R/W
Sequencer step to assert GPO0
Table 97: ID_24_23 (0x08E)
Field
Bit
Type
Description
GP_FALL2_STEP
7:4
R/W
Sequencer step to de-assert GPO1
GP_RISE2_STEP
3:0
R/W
Sequencer step to assert GPO1
Table 98: ID_26_25 (0x08F)
Field
Bit
Type
Description
GP_FALL3_STEP
7:4
R/W
Sequencer step to de-assert GPO2
GP_RISE3_STEP
3:0
R/W
Sequencer step to assert GPO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com