Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 57Page - Renesas Technology Corp DA9062 Datasheet HTML 58Page - Renesas Technology Corp DA9062 Datasheet HTML 59Page - Renesas Technology Corp DA9062 Datasheet HTML 60Page - Renesas Technology Corp DA9062 Datasheet HTML 61Page - Renesas Technology Corp DA9062 Datasheet HTML 62Page - Renesas Technology Corp DA9062 Datasheet HTML 63Page - Renesas Technology Corp DA9062 Datasheet HTML 64Page - Renesas Technology Corp DA9062 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
61 of 99
© 2022 Renesas Electronics
Pin
Value
Tol.
Size
(mm)
Height
(mm)
Temp.
Char.
Rating
(V)
Part
4 x 10 µF
±20%
1005
0.5
X5R
10
GRM155R61A106ME21
VDD_LDO2
1 x 1 µF
±10%
1005
0.5
X5R
10
GRM155R61A105KE15D
VDD_LDO34
1 x 1 µF
±10%
1005
0.5
X5R
10
GRM155R61A105KE15D
VBBAT
470 nF
±10%
1005
0.55
X5R
10
GRM155R61A474KE15#
VDDCORE
2.2 µF
±20%
1005
0.55
X5R
6.3
GRM155R60J225ME95#
VREF
220 nF
±15%
1005
0.5
X5R
16
GRM155R71C224KA12
XTAL_IN,
XTAL_OUT
12 pF
±5%
1005
0.55
U2J
50
GRM1557U1H120JZ01#
10.1.3
Inductors
Inductors should be selected based upon the following parameters:
● ISAT specifies the current causing a reduction in the inductance by a specific amount, typically
30 %
● IRMS specifies the current causing a temperature rise of a specific amount
● DC resistance (DCR) is critical for converter efficiency and should be therefore minimized.
● ESR at the buck switching frequency is critical to converter efficiency in PFM mode and should
be therefore minimized.
Inductance is given in Table 35.
Table 35: Recommended Inductors
Buck
Value
ISAT
(A)
IRMS
(A)
DCR
(Typ.
m
Ω)
Size
(W×L×H) mm
Part
Buck1 and Buck2
(half-current mode),
Buck3, Buck4
1 µH
2.7
2.3
55
2.0×1.6×1.0
Toko 1285AS-H-1R0M
2.65
2.45
60
2.0×1.6×1.0
Tayo Yuden
MAKK2016T1R0M
2.9
2.2
60
2.0×1.6×1.0
TDK TFM201610A-1R0M
Buck4
(VTT mode)
0.24 µH
1.65
2.3
43
1.6×0.8×1.0
Taiyo Yuden
MBKK1608TR24N
0.25 µH
9.7
11.45
7.64
4.0×4.0×1.2
Coilcraft XFL4012-251ME
Buck1, Buck2
(full-current mode)
1 µH
3.4
3
60
2.5×2.0×1.0
Toko1269AS-H-1R0M
3.6
3.1
45
2.5×2.0×1.2
Tayo Yuden
MAMK2520T1R0M
3.8
3.5
45
2.5×2.0×1.2
Toko 1239AS-H-1R0M
3.9
3.1
48
3.2×2.5×1.0
Toko1276AS-H-1R0M
4.7
4.1
35
2.5×2.0×1.2
TDK
TFM252012ALMA1R0MT
AA
3.35
2.5
52
3.0×3.0×1.2
Cyntec PST031B-1R0MS
4.9
7.9
18.5
3.5x3.5x1.5
Coilcraft XGL3515-102ME
8.8
12
8.2
4.0×4.0×2.1
Coilcraft XGL4020-102ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com