Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 52Page - Renesas Technology Corp DA9062 Datasheet HTML 53Page - Renesas Technology Corp DA9062 Datasheet HTML 54Page - Renesas Technology Corp DA9062 Datasheet HTML 55Page - Renesas Technology Corp DA9062 Datasheet HTML 56Page - Renesas Technology Corp DA9062 Datasheet HTML 57Page - Renesas Technology Corp DA9062 Datasheet HTML 58Page - Renesas Technology Corp DA9062 Datasheet HTML 59Page - Renesas Technology Corp DA9062 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
56 of 99
© 2022 Renesas Electronics
be configured to wait until the clock’s duty cycle is within the range 30 % to 70 %. The start is
configured from the DELAY_MODE register and the stabilization time is programmed in the
STABILIZATION_TIME register. OUT_CLOCK controls whether the clock feed to the OUT_32K
output (GPIO) is affected by the stabilization timer. The RTC_CLOCK register provides a similar
gating function for the clock feed to the internal RTC counter.
The clock feed to the OUT_32K output can be controlled with the power sequencer, as described in
Section 8.9.6. In addition, the clock output is one of the features that can be disabled in the
POWERDOWN mode, as described in Section 8.9.7. When the OUT32K_PAUSE register is set, the
clock output is disabled in POWERDOWN.
8.14 Internal Oscillator
An internal oscillator provides a nominal 6.0 MHz clock that is divided to 3.0 MHz for the buck
converters. The frequency of the internal oscillator is adjusted during the initial start-up sequence of
DA9062 to within 5 % of the nominal 6.0 MHz.
Some applications require that the software is able to modify the oscillator frequency at runtime, for
example to avoid interference effects caused by harmonics of the buck converter operating
frequency. This can be achieved by writing a non-zero value to register OSC_FRQ. This control is a
signed 4-bit value where each step changes the frequency by about 1.33 %, which gives a range
from -10.65 % (-8) to +9.33 % (+7).
The tolerance of this frequency will affect most absolute timer values and PWM repetition rates.
8.15 Watchdog
The watchdog provides system monitoring functionality. A watchdog timeout triggers shutdown to
POWERDOWN mode, signalled in register FAULT_LOG. The watchdog can also be configured to
control a secondary reset output in addition to nRESET. This requires that one of the GPIOs is
configured as a GPO, controlled by the sequencer. The assertion/de-assertion is used as a reset,
and the GPIO is configured as a sequencer controlled GPO. This way, after the watchdog triggers
the power-down, the reset output is asserted by the sequencer during the power-down sequence.
Once enabled, the watchdog cannot be stopped and it runs in ACTIVE mode (this feature can be
bypassed with an OTP configuration). The source clock of the watchdog is automatically chosen
between the 32 kHz clock generated from the crystal oscillator and an internally generated slow
frequency clock.
After a cold boot, the watchdog is activated when entering ACTIVE mode. This first watchdog kick is
required for DA9062 to move to the ACTIVE mode after a cold boot, as illustrated in Figure 21. After
the watchdog is activated, the host must kick the watchdog periodically within the watchdog period
programmed with the TWDSCALE register. An interrupt can be generated to warn the host processor
of the watchdog timeout. The time for the warning interrupt is half of the watchdog period.
The kick can be done by a register write to register WATCHDOG (register CONTROL_F) or with the
GPIO0 pin configured as a WDKICK input. With register WDG_MODE = 1, the behavior of the
WDKICK input is modified so that either a pulse or a permanently asserted input prevents a
watchdog timeout. In this mode the parameter tWDMIN is not applicable.
If the host processor fails to feed the watchdog, DA9062 asserts a fault bit and enters
POWERDOWN mode. The watchdog timeout can also be configured to assert a reset output. This
requires that one of the GPIOs is configured as a reset output and assigned to a power sequencer
step, see Section 8.9.
After each watchdog timeout a retry counter is decremented. If the retry counter reaches zero,
DA9062 will stay in POWERDOWN mode, as described in Section 8.8.4. The number of allowed
retries can be programmed in the NFREEZE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com