Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 32Page - Renesas Technology Corp DA9062 Datasheet HTML 33Page - Renesas Technology Corp DA9062 Datasheet HTML 34Page - Renesas Technology Corp DA9062 Datasheet HTML 35Page - Renesas Technology Corp DA9062 Datasheet HTML 36Page - Renesas Technology Corp DA9062 Datasheet HTML 37Page - Renesas Technology Corp DA9062 Datasheet HTML 38Page - Renesas Technology Corp DA9062 Datasheet HTML 39Page - Renesas Technology Corp DA9062 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
36 of 99
© 2022 Renesas Electronics
8.1.3
nRESET
nRESET is an active-low reset output intended for resetting the host processor of the system. The
signal can be configured as either push-pull or open-drain output (PM_O_TYPE).
nRESET is always asserted upon a cold boot from the no-power mode. It is always asserted at the
beginning of a shutdown sequence to the RESET mode. nRESET may also be asserted at the
beginning of the sequence to the POWERDOWN mode, if configured in register NRES_MODE.
De-assertion of nRESET is controlled by a reset timer. After being asserted, nRESET remains low
until the reset timer, which was started from the selected trigger signal, expires. The reset timer
trigger can be selected via RESET_EVENT and set to one of the following: an external signal
triggering the wakeup (EXT_WAKEUP), an internal signal indicating the end of the first power-up
sub-sequence (SYS_UP), an internal signal indicating the end of the second power-up sub-sequence
(PWR_UP), or the transition of DA9062 from reset to POWERDOWN mode. The expiry time can be
configured via RESET_TIMER from 1 ms to 1 s. If RESET_TIMER is set to 0 ms, nRESET is de-
asserted immediately after the trigger selected with RESET_EVENT.
8.1.4
nIRQ
nIRQ is a level-sensitive interrupt signal. It can be configured either as a push-pull or an open-drain
output (selected via PM_O_TYPE). The polarity of nIRQ can be selected with IRQ_TYPE.
nIRQ is asserted when an unmasked event has occurred. The nIRQ will not be released until all
event registers have been cleared. New events that occur while reading an event register are saved
until the event register is cleared, ensuring that the host processor captures them. The same will
happen to all events occurring when the power sequencer is in transition.
8.2
2-Wire Interface
The 2-wire interface provides access to the control and status registers. The interface supports
operations compatible to the standard, fast, fast-plus, and high-speed modes of the I2C bus
specification Rev. 3. Communication on the 2-wire bus is always between two devices; one acting as
the master and the other as the slave. The DA9062 only operates as a slave. The default address is
0xB0, this is configurable via OTP, see IF_BASE_ADDR. I2C addresses are stated as 8-bit
addresses including R/W bit; for example, 0xB0 is the 8-bit address equivalent to the 7-bit address
0x58 plus the R/W bit = 0 (Write).
SCL transmits 2-wire clock data and SDA transmits the bidirectional data. The 2-wire interface is
open-drain supporting multiple devices on one line. The bus lines have to be pulled high by an
external pull-up resistor (2 k
Ω to 20 kΩ). The attached devices drive the bus lines low by connecting
them to ground. As a result, two devices can drive the bus simultaneously without conflict. In
standard/fast mode the highest frequency of the bus is 400 kHz. The exact frequency can be
determined by the application and it does not have any relation to the DA9062 internal clock signals.
DA9062 stays within the described host clock speed limitations and does not initiate clock slow-
down. An automatic interface reset is triggered when the clock signal ceases toggling for >35 ms
(controlled in TWOWIRE_TO).
When the SDA is stuck, the bus clears after receiving nine clock pulses. Operation in high-speed
mode at 3.4 MHz requires a minimum interface supply voltage of 1.8 V and a mode change in order
to enable slope-control. The high-speed mode can be enabled on a transfer-by-transfer basis by
sending the master code (0000 1XXX) at the beginning of the transfer. The DA9062 does not make
use of clock stretching and delivers read data without delay up to 3.4 MHz.
Alternatively, the interface can be configured to use high-speed mode continuously via PM_IF_HSM,
so that the master code is not required at the beginning of every transfer. This reduces
communication overhead on the bus and limits the attachable bus slaves to compatible devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com