Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 54Page - Renesas Technology Corp DA9062 Datasheet HTML 55Page - Renesas Technology Corp DA9062 Datasheet HTML 56Page - Renesas Technology Corp DA9062 Datasheet HTML 57Page - Renesas Technology Corp DA9062 Datasheet HTML 58Page - Renesas Technology Corp DA9062 Datasheet HTML 59Page - Renesas Technology Corp DA9062 Datasheet HTML 60Page - Renesas Technology Corp DA9062 Datasheet HTML 61Page - Renesas Technology Corp DA9062 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
58 of 99
© 2022 Renesas Electronics
Address
Name
7
6
5
4
3
2
1
0
RTC Calendar and Alarm
0x040
COUNT_S
RTC_READ
Reserved
COUNT_SEC
0x041
COUNT_MI
Reserved
COUNT_MIN
0x042
COUNT_H
Reserved
COUNT_HOUR
0x043
COUNT_D
Reserved
COUNT_DAY
0x044
COUNT_MO
Reserved
COUNT_MONTH
0x045
COUNT_Y
Reserved
MONITOR
COUNT_YEAR
0x046
ALARM_S
ALARM_STATUS
ALARM_SEC
0x047
ALARM_MI
Reserved
ALARM_MIN
0x048
ALARM_H
Reserved
ALARM_HOUR
0x049
ALARM_D
Reserved
ALARM_DAY
0x04A
ALARM_MO
Reserved
TICK_WAKE
TICK_TYPE
ALARM_MONTH
0x04B
ALARM_Y
TICK_ON
ALARM_ON
ALARM_YEAR
0x04C
SECOND_A
SECONDS_A
0x04D
SECOND_B
SECONDS_B
0x04E
SECOND_C
SECONDS_C
0x04F
SECOND_D
SECONDS_D
Power Sequencer
0x081
SEQ
Reserved
SEQ_POINTER
0x082
SEQ_TIMER
SEQ_DUMMY
SEQ_TIME
0x083
ID_2_1
LDO2_STEP
LDO1_STEP
0x084
ID_4_3
LDO4_STEP
LDO3_STEP
0x088
ID_12_11
PD_DIS_STEP
Reserved
0x089
ID_14_13
BUCK2_STEP
BUCK1_STEP
0x08A
ID_16_15
BUCK3_STEP
BUCK4_STEP
0x08D
ID_22_21
GP_FALL1_STEP
GP_RISE1_STEP
0x08E
ID_24_23
GP_FALL2_STEP
GP_RISE2_STEP
0x08F
ID_26_25
GP_FALL3_STEP
GP_RISE3_STEP
0x090
ID_28_27
GP_FALL4_STEP
GP_RISE4_STEP
0x091
ID_30_29
GP_FALL5_STEP
GP_RISE5_STEP
0x092
ID_32_31
EN32K_STEP
WAIT_STEP
0x095
SEQ_A
POWER_END
SYSTEM_END
0x096
SEQ_B
PART_DOWN
MAX_COUNT
0x097
WAIT
WAIT_DIR
TIME_OUT
WAIT_MODE
WAIT_TIME
0x098
EN_32K
EN_32KOUT
Reserved
OUT_CLOCK
DELAY_MODE
CRYSTAL
STABILIZATION_TIME
0x099
RESET
RESET_EVENT
RESET_TIMER
Power Supply Control
0x09A
BUCK_ILIM_A
Reserved
BUCK3_ILIM
0x09B
BUCK_ILIM_B
Reserved
BUCK4_ILIM
0x09C
BUCK_ILIM_C
BUCK2_ILIM
BUCK1_ILIM
0x09D
BUCK2_CFG
BUCK2_MODE
BUCK2_PD_DIS
Reserved
0x09E
BUCK1_CFG
BUCK1_MODE
BUCK1_PD_DIS
Reserved
0x09F
BUCK4_CFG
BUCK4_MODE
BUCK4_PD_DIS
BUCK4_VTT_EN
BUCK4_VTTR_E
N
Reserved
0x0A0
BUCK3_CFG
BUCK3_MODE
BUCK3_PD_DIS
Reserved
0x0A3
VBUCK2_A
BUCK2_SL_A
VBUCK2_A
0x0A4
VBUCK1_A
BUCK1_SL_A
VBUCK1_A
0x0A5
VBUCK4_A
BUCK4_SL_A
VBUCK4_A
0x0A7
VBUCK3_A
BUCK3_SL_A
VBUCK3_A
0x0A9
VLDO1_A
LDO1_SL_A
Reserved
VLDO1_A
0x0AA
VLDO2_A
LDO2_SL_A
Reserved
VLDO2_A
0x0AB
VLDO3_A
LDO3_SL_A
Reserved
VLDO3_A
0x0AC
VLDO4_A
LDO4_SL_A
Reserved
VLDO4_A
0x0B4
VBUCK2_B
BUCK2_SL_B
VBUCK2_B
0x0B5
VBUCK1_B
BUCK1_SL_B
VBUCK1_B
0x0B6
VBUCK4_B
BUCK4_SL_B
VBUCK4_B
0x0B8
VBUCK3_B
BUCK3_SL_B
VBUCK3_B
0x0BA
VLDO1_B
LDO1_SL_B
Reserved
VLDO1_B
0x0BB
VLDO2_B
LDO2_SL_B
Reserved
VLDO2_B
0x0BC
VLDO3_B
LDO3_SL_B
Reserved
VLDO3_B
0x0BD
VLDO4_B
LDO4_SL_B
Reserved
VLDO4_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com