Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 13Page - Renesas Technology Corp DA9062 Datasheet HTML 14Page - Renesas Technology Corp DA9062 Datasheet HTML 15Page - Renesas Technology Corp DA9062 Datasheet HTML 16Page - Renesas Technology Corp DA9062 Datasheet HTML 17Page - Renesas Technology Corp DA9062 Datasheet HTML 18Page - Renesas Technology Corp DA9062 Datasheet HTML 19Page - Renesas Technology Corp DA9062 Datasheet HTML 20Page - Renesas Technology Corp DA9062 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
17 of 99
© 2022 Renesas Electronics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Pull-down resistance in
OFF mode
ROFF
VLDO = 0.5 V
Can be disabled via
LDO1_PD_DIS
50
Ω
5.4.2
LDO2, LDO3, LDO4
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC.
Table 12: LDO2, LDO3, LDO4 Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input voltage
VDD
VDD = VSYS
2.8
5.5
V
Supplied from buck converter
1.5
Maximum output current
IOUT_MAX
VDD
≥ 1.8 V
(IOUT = IOUT_MAX/3 VDD < 1.8 V)
300
mA
Output voltage
VLDO
Programmable in 50 mV steps
0.9
3.6
V
Output accuracy
IOUT = IOUT_MAX
including static line/load
regulation
-3%
+3%
Stabilization capacitor
COUT
Including voltage and
temperature coefficient
-55%
2.2
+35%
µF
Output capacitor ESR
RCOUT_ESR
f > 1 MHz
including wiring parasitics
0
300
m
Ω
Short circuit current
ISHORT
600
mA
Dropout voltage
VDROPOUT
IOUT = IOUT_MAX
(VDD < 1.8 V IOUT = IOUT_MAX/3)
Note 1
100
150
mV
Static line regulation
VS_LINE
VDD = 3.0 V to 5.5 V
IOUT = IOUT_MAX
5
20
mV
Static load regulation
VS_LOAD
IOUT = 1 mA to IOUT_MAX
5
20
mV
Line transient response
VTR_LINE
VDD = 3.0 V to 3.6 V
IOUT = IOUT_MAX
tR = tF = 10 µs
5
20
mV
Load transient response
VTR_LOAD
VDD = 3.6 V
IOUT = 1 mA to IOUT_MAX
tR = tF = 1 µs
30
50
mV
Power supply rejection
ratio
PSRR
VDD = 3.6 V
VDD - VLDO
≥ 0.6 V
IOUT = IOUT_MAX/2
f = fVDD_LDO
f = 10 Hz to 1 kHz
f = 1 kHz to 10 kHz
f = 10 kHz to 100 kHz
70
60
40
80
70
50
dB
Output noise
N
VDD = 3.6 V, VLDO = 2.8 V
IOUT = 5 mA to IOUT_MAX
f = 10 Hz to 100 kHz
50
μV
rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com