Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 35Page - Renesas Technology Corp DA9062 Datasheet HTML 36Page - Renesas Technology Corp DA9062 Datasheet HTML 37Page - Renesas Technology Corp DA9062 Datasheet HTML 38Page - Renesas Technology Corp DA9062 Datasheet HTML 39Page - Renesas Technology Corp DA9062 Datasheet HTML 40Page - Renesas Technology Corp DA9062 Datasheet HTML 41Page - Renesas Technology Corp DA9062 Datasheet HTML 42Page - Renesas Technology Corp DA9062 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
39 of 99
© 2022 Renesas Electronics
A repeated write mode can be enabled with WRITE_MODE register. In this mode, the master can
execute back-to-back write operations to non-consecutive addresses by transmitting register
addresses and data pairs. The data is stored in the address specified by the preceding byte. The
repeated write mode is illustrated in Figure 17.
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
REGadr
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 17: 2-Wire Repeated Write
If a new START or STOP condition occurs within a message, the bus returns to idle mode.
8.3
GPIOs
DA9062 features five general purpose IO pins. The basic structure of the GPIOs is depicted in
Figure 18. As illustrated, there are several additional functions:
● analog function
● alternate function
● forwarding
● regulator control
● sequencer WAIT_STEP
● interrupt and wakeup generation
The GPIOs are operational in POWERDOWN and ACTIVE modes. However, GPIs can be
configured as disabled in POWERDOWN mode in register PD_DIS (register GPI_DIS). In other
modes, the GPIO is disabled and all ports are configured as open-drain outputs in high impedance
state. The level transitions on inputs will no longer be detected, but I/O drivers will keep their
configuration and programmed levels.
GPIOx_PUPD
Debounce
GPIx
GPIOx_MODE
Edge
detection
GPIOx_TYPE
E_GPIOx
Mask
M_GPIOx
GPIOx_MODE
GPIOx_PUPD
VDDIO
Wakeup
selection
VDDIO
Interrupt
Wakeup
Output
function
GPIOx_OUT
Alternate
function
GPIOx_PIN
GPO OD
GPO push-pull
GPI
Forwarding input
Forwarding
output
GPIOx_WKUP_MODE
Sequencer (WAIT_STEP),
regulator control
Wakeup
enable
GPIOx_WEN
Sequencer
CLK_32K
VDD_FAULT
0
1
Analog function
GPIOx_PIN
Figure 18: General GPIO Block Diagram
The functionality of a GPIO is configured in GPIO<x>_PIN, as listed in Table 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com