Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 55Page - Renesas Technology Corp DA9062 Datasheet HTML 56Page - Renesas Technology Corp DA9062 Datasheet HTML 57Page - Renesas Technology Corp DA9062 Datasheet HTML 58Page - Renesas Technology Corp DA9062 Datasheet HTML 59Page - Renesas Technology Corp DA9062 Datasheet HTML 60Page - Renesas Technology Corp DA9062 Datasheet HTML 61Page - Renesas Technology Corp DA9062 Datasheet HTML 62Page - Renesas Technology Corp DA9062 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
59 of 99
© 2022 Renesas Electronics
Address
Name
7
6
5
4
3
2
1
0
BBAT Charger Control
0x0C5
BBAT_CONT
BCHG_ISET
BCHG_VSET
Customer Trim and Configuration
0x105
INTERFACE
IF_BASE_ADDR
Reserved
0x106
CONFIG_A
Reserved
PM_IF_HSM
PM_IF_FMP
PM_IF_V
IRQ_TYPE
PM_O_TYPE
Reserved
PM_I_V
0x107
CONFIG_B
Reserved
VDD_HYST_ADJ
VDD_FAULT_ADJ
0x108
CONFIG_C
Reserved
BUCK3_CLK_INV Reserved
BUCK4_CLK_INV BUCK1_CLK_INV
BUCK_ACTV_DISC
HRG
Reserved
0x109
CONFIG_D
Reserved
FORCE_RESET
Reserved
SYSTEM_EN_RD
NIRQ_MODE
GPI_V
0x10A
CONFIG_E
Reserved
BUCK3_AUTO
Reserved
BUCK4_AUTO
BUCK2_AUTO
BUCK1_AUTO
0x10C
CONFIG_G
Reserved
LDO4_AUTO
LDO3_AUTO
LDO2_AUTO
LDO1_AUTO
0x10D
CONFIG_H
Reserved
BUCK1_FCM
BUCK2_FCM
Reserved
BUCK_MERGE
Reserved
0x10E
CONFIG_I
LDO_SD
INT_SD_MODE
HOST_SD_MODE KEY_SD_MODE
WATCHDOG_SD NONKEY_SD
NONKEY_PIN
0x10F
CONFIG_J
IF_RESET
TWOWIRE_TO
RESET_DURATION
SHUT_DELAY
KEY_DELAY
0x110
CONFIG_K
Reserved
GPIO4_PUPD
GPIO3_PUPD
GPIO2_PUPD
GPIO1_PUPD
GPIO0_PUPD
0x112
CONFIG_M
OSC_FRQ
WDG_MODE
Reserved
Reserved
Reserved
Customer Device Specific
0x121
GP_ID_0
GP_0
0x122
GP_ID_1
GP_1
0x123
GP_ID_2
GP_2
0x124
GP_ID_3
GP_3
0x125
GP_ID_4
GP_4
0x126
GP_ID_5
GP_5
0x127
GP_ID_6
GP_6
0x128
GP_ID_7
GP_7
0x129
GP_ID_8
GP_8
0x12A
GP_ID_9
GP_9
0x12B
GP_ID_10
GP_10
0x12C
GP_ID_11
GP_11
0x12D
GP_ID_12
GP_12
0x12E
GP_ID_13
GP_13
0x12F
GP_ID_14
GP_14
0x130
GP_ID_15
GP_15
0x131
GP_ID_16
GP_16
0x132
GP_ID_17
GP_17
0x133
GP_ID_18
GP_18
0x134
GP_ID_19
GP_19
0x181
DEVICE_ID
DEV_ID
0x182
VARIANT_ID
MRC
VRC
0x183
CUSTOMER_I
D
CUST_ID
0x184
CONFIG_ID
CONFIG_REV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com