Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 11Page - Renesas Technology Corp DA9062 Datasheet HTML 12Page - Renesas Technology Corp DA9062 Datasheet HTML 13Page - Renesas Technology Corp DA9062 Datasheet HTML 14Page - Renesas Technology Corp DA9062 Datasheet HTML 15Page - Renesas Technology Corp DA9062 Datasheet HTML 16Page - Renesas Technology Corp DA9062 Datasheet HTML 17Page - Renesas Technology Corp DA9062 Datasheet HTML 18Page - Renesas Technology Corp DA9062 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
15 of 99
© 2022 Renesas Electronics
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 10: 2-Wire Interface Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Bus free time
STOP to START
tBUF
0.5
µs
Bus line capacitive load
CB
150
pF
Standard/Fast/Fast+ Mode
SCL clock frequency
fSCL
VDDIO
≥ 1.5 V
Note 1
0
1.0
MHz
Start condition set-up time
tSU_STA
260
ns
Start condition hold time
tH_STA
260
ns
SCL low time
tW_CL
500
ns
SCL high time
tW_CH
260
ns
2-wire SCL and SDA rise time
tR
(input requirement)
1000
ns
2-wire SCL and SDA fall time
tF
(input requirement)
300
ns
Data set-up time
tSU_D
50
ns
Data hold-time
tH_D
0
ns
Data valid time
tVD_D
450
ns
Data valid time acknowledge
tVD_ACK
450
ns
Stop condition set-up time
tSU_STO
260
ns
High Speed Mode
SCL clock frequency
fSCL
VDDIO
≥ 1.8 V
Note 1
0
3.4
MHz
Start condition set-up time
tSU_STA
160
ns
Start condition hold time
tH_STA
160
ns
SCL low time
tW_CL
160
ns
SCL high time
tW_CH
60
ns
2-wire SCL and SDA rise time
tR
(input requirement)
160
ns
2-wire SCL and SDA fall time
tF
(input requirement)
160
ns
Data set-up time
tSU_D
10
ns
Data hold-time
tH_D
0
ns
Stop condition set-up time
tSU_STO
160
ns
Note 1
Minimum clock frequency is 10 kHz if TWOWIRE_TO is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com