Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 82Page - Renesas Technology Corp DA9062 Datasheet HTML 83Page - Renesas Technology Corp DA9062 Datasheet HTML 84Page - Renesas Technology Corp DA9062 Datasheet HTML 85Page - Renesas Technology Corp DA9062 Datasheet HTML 86Page - Renesas Technology Corp DA9062 Datasheet HTML 87Page - Renesas Technology Corp DA9062 Datasheet HTML 88Page - Renesas Technology Corp DA9062 Datasheet HTML 89Page - Renesas Technology Corp DA9062 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
86 of 99
© 2022 Renesas Electronics
Table 105: EN_32K (0x098)
Field
Bit
Type
Description
EN_32KOUT
7:7
R/W
Enable OUT_32K on the GPOs
(may be delayed depending on OUT32K_PAUSE).
RTC_CLOCK
6:6
R/W
Disable clock to RTC counter until stabilization timer has expired.
OUT_CLOCK
5:5
R/W
Disable clock to GPOs configured as OUT_32K until stabilization
timer has expired.
DELAY_MODE
4:4
R/W
Start stabilization timer:
0: when oscillator signal is available (third falling edge)
1: when oscillator has been switched on (CRYSTAL risen)
CRYSTAL
3:3
R/W
External RTC crystal is present.
Fetched from VDDRTC domain at VDDCORE POR.
STABILIZATION_TIME
2:0
R/W
Time to allow crystal oscillator to stabilize.
000: Delay off
001: 0.52 s
010: 1.0 s
011: 1.5 s
100: 2.1 s
101: 2.6 s
110: 3.1 s
111: 3.6 s
Table 106: RESET (0x099)
Field
Bit
Type
Description
RESET_EVENT
7:6
R/W
Reset timer started by:
00: EXT_WAKEUP
01: SYS_UP (register control or pin)
10: PWR_UP (register control or pin)
11: Leaving PMIC RESET mode
RESET_TIMER
5:0
R/W
0: Release nRESET immediately after the event selected by
RESET_EVENT.
1 - 31: 1.024 ms * RESET_TIMER
32-63: 1.024 ms * 32 * (RESET_TIMER-31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com