Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 37Page - Renesas Technology Corp DA9062 Datasheet HTML 38Page - Renesas Technology Corp DA9062 Datasheet HTML 39Page - Renesas Technology Corp DA9062 Datasheet HTML 40Page - Renesas Technology Corp DA9062 Datasheet HTML 41Page - Renesas Technology Corp DA9062 Datasheet HTML 42Page - Renesas Technology Corp DA9062 Datasheet HTML 43Page - Renesas Technology Corp DA9062 Datasheet HTML 44Page - Renesas Technology Corp DA9062 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
41 of 99
© 2022 Renesas Electronics
8.3.2
GPO Functionality
The outputs can be configured as push-pull or open-drain outputs, see Table 24. An internal pull-up
can be enabled/disabled from GPIO<x>_PUPD (open-drain mode). The GPIO<x>_MODE settings
can control the output state.
Instead of controlling the output with GPIO<x>_MODE, a selection of alternatives is available in the
GPIO<x>_OUT controls. These include: the forwarding function, see Section 8.3.4, the power supply
sequencer, see Section 8.9, the 32 kHz clock (OUT_32K), and the status of the supply voltage
supervision (nVDD_FAULT). When the GPIO is configured as an output and GPIO<x>_OUT is set to
0x0, the GPIO<x>_MODE determines the state of the output.
8.3.2.1
nVDD_FAULT
nVDD_FAULT gives the status of the system supply monitoring, see Section 8.11. The assertion of
nVDD_FAULT indicates that the main supply input voltage has been low (VSYS < VDD_FAULT_LOWER) for
more than 100 ms and informs the host processor that the power will shut down. It can be configured
to drive a GPO from the GPIO<x>_OUT controls. The driver type (push-pull, open-drain) selection
and pull-up resistor control function normally. The GPIO<x>_MODE can be used to invert the
incoming nVDD_FAULT signal.
8.3.2.2
OUT_32K
OUT_32K feeds a buffered 32 kHz clock signal that is derived from the internal oscillator. The signal
output buffer can be controlled either with the power sequencer or manually via EN_32KOUT, and
paused automatically during POWERDOWN mode with the OUT32K_PAUSE bit.
Glitch-free switching between a 32 kHz clock output and another GPIO configuration is not
guaranteed. Therefore, configuring a GPIO for 32 kHz clock output should only be done in OTP.
However, enabling and disabling the buffer is still dynamic as described above.
8.3.3
Alternate Functions
GPIO0, GPIO2, and GPIO4 can be used for alternate functions. These are digital control signals that
don’t employ the debouncing, event detection, or interrupt generation functions. Only the input buffer
of the GPIO block is employed. The alternate functions of DA9062 are listed in Table 25 and
described in the following subsections. A debouncing filter can be applied also on the alternate
functions with a configurable debouncing time (register DEBOUNCING).
Table 25: GPIO Alternate Input Functions
GPIO
Alternate Function
Description
GPIO0
WDKICK
Watchdog kick or disable
GPIO1
-
GPIO2
PWR_EN
Power mode control
GPIO3
-
GPIO4
SYS_EN
Power mode control
8.3.3.1
SYS_EN
SYS_EN (pin GPIO4) controls the SYSTEM_EN bit and thereby the power mode of DA9062. It is
part of the power supply sequencer functionality described in Section 8.9. SYS_EN is an edge-
sensitive signal and its polarity can be chosen in the GPIO4_TYPE register.
Asserting SYS_EN causes an interrupt (E_GPIx) and a wakeup event. De-asserting SYS_EN
triggers a power-down sequence but no interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com