Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 70Page - Renesas Technology Corp DA9062 Datasheet HTML 71Page - Renesas Technology Corp DA9062 Datasheet HTML 72Page - Renesas Technology Corp DA9062 Datasheet HTML 73Page - Renesas Technology Corp DA9062 Datasheet HTML 74Page - Renesas Technology Corp DA9062 Datasheet HTML 75Page - Renesas Technology Corp DA9062 Datasheet HTML 76Page - Renesas Technology Corp DA9062 Datasheet HTML 77Page - Renesas Technology Corp DA9062 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
74 of 99
© 2022 Renesas Electronics
Table 62: GPIO_OUT0_2 (0x01E)
Field
Bit
Type
Description
GPIO2_OUT
7:6
R/W
GPIO output function
00: Static value according GPIO2_MODE
01: nVDD_FAULT
10: 32 kHz crystal clock (OUT_32K)
11: Sequencer controlled
GPIO1_OUT
5:3
R/W
GPIO output function
000: Static value according GPIO1_MODE
001: nVDD_FAULT
010: 32 kHz crystal clock (OUT_32K)
011: Sequencer controlled
100: Forward GPI0
101: Reserved
110: Forward GPI2
111: Forward GPI3
GPIO0_OUT
2:0
R/W
GPIO output function
000: Static value according GPIO0_MODE
001: nVDD_FAULT
010: 32 kHz crystal clock (OUT_32K)
011: Sequencer controlled
100: Reserved
101: Forward GPI1
110: Forward GPI2
111: Forward GPI3
Table 63: GPIO_OUT3_4 (0x01F)
Field
Bit
Type
Description
Reserved
7:5
R/W
Reserved
GPIO4_OUT
4:3
R/W
GPIO output function
00: Static value according GPIO4_MODE
01: nVDD_FAULT
10: 32 kHz crystal clock (OUT_32K)
11: Sequencer controlled
GPIO3_OUT
2:0
R/W
GPIO output function
000: Static value according GPIO3_MODE
001: nVDD_FAULT
010: 32 kHz crystal clock (OUT_32K)
011: Sequencer controlled
100: Forward GPI0
101: Forward GPI1
110: Forward GPI2
111: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com