Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 8Page - Renesas Technology Corp DA9062 Datasheet HTML 9Page - Renesas Technology Corp DA9062 Datasheet HTML 10Page - Renesas Technology Corp DA9062 Datasheet HTML 11Page - Renesas Technology Corp DA9062 Datasheet HTML 12Page - Renesas Technology Corp DA9062 Datasheet HTML 13Page - Renesas Technology Corp DA9062 Datasheet HTML 14Page - Renesas Technology Corp DA9062 Datasheet HTML 15Page - Renesas Technology Corp DA9062 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
12 of 99
© 2022 Renesas Electronics
4.1
Thermal Characteristics
Table 6: QFN Package Ratings
Parameter
Symbol
Note
Typ
Unit
Thermal resistance junction to ambient
R_JA
Note 1
20.81
°C/W
Thermal resistance junction to Board
R_JB
Note 1
5.9
°C/W
Thermal resistance junction to case
R_JC
Note 1
18.72
°C/W
Maximum power dissipation
Note 1
PDISS
Derating factor above TA =
70 °C: 48.05 mW/°C
3120
mW
Note 1
Obtained from package thermal simulation, 76 mm x 114 mm x 1.6 mm (JEDEC), 6-layer board,
70
μm thick copper top/bottom layers, 35 μm thick copper inside layers, 49 x 0.2 mm thermal vias
beneath the device, natural convection (still air).
4.1.1
Power Derating Curves
Figure 3: QFN40 Power Derating Curve
Table 7: Typical Temperatures
TA = 70 °C
TA = 85 °C
TA = 105 °C
TWARN
PD=3.12 W
PD=1.92 W
PD=0.96 W
TCRIT
PD=2.64 W
PD=2.40 W
PD=1.44 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com