Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 10Page - Renesas Technology Corp DA9062 Datasheet HTML 11Page - Renesas Technology Corp DA9062 Datasheet HTML 12Page - Renesas Technology Corp DA9062 Datasheet HTML 13Page - Renesas Technology Corp DA9062 Datasheet HTML 14Page - Renesas Technology Corp DA9062 Datasheet HTML 15Page - Renesas Technology Corp DA9062 Datasheet HTML 16Page - Renesas Technology Corp DA9062 Datasheet HTML 17Page - Renesas Technology Corp DA9062 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
14 of 99
© 2022 Renesas Electronics
5.2
Watchdog
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 9: Watchdog Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Minimum watchdog time
tWDMIN
External 32 kHz oscillator
110
ms
Internal 25 kHz oscillator
200
ms
Maximum watchdog time
tWDMAX
External 32 kHz oscillator
2
s
Internal 25 kHz oscillator
2.5
s
Minimum assert time of
WDKICK
tWDKICKMIN
150
µs
5.3
2-Wire Interface
Figure 4: 2-Wire Interface Timing
STOP
SDA
SCL
tF
tR
tF
START
tH_STA
tH_D
1/fSCL
VIH
VIL
VIH
VIL
tSU_D
tLOW
tHIGH
tVD_D
ACK
tVD_ACK
tSU_STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com