Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 39Page - Renesas Technology Corp DA9062 Datasheet HTML 40Page - Renesas Technology Corp DA9062 Datasheet HTML 41Page - Renesas Technology Corp DA9062 Datasheet HTML 42Page - Renesas Technology Corp DA9062 Datasheet HTML 43Page - Renesas Technology Corp DA9062 Datasheet HTML 44Page - Renesas Technology Corp DA9062 Datasheet HTML 45Page - Renesas Technology Corp DA9062 Datasheet HTML 46Page - Renesas Technology Corp DA9062 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
43 of 99
© 2022 Renesas Electronics
8.6
LDOs
All LDOs employ Dialog Semiconductor SmartMirror
™ dynamic biasing technology, see Figure 19,
which maintains high performance over a wide range of operating conditions and a power saving
mode (SLEEP mode) to minimize the quiescent current during very low output current. The circuit
technique offers significantly higher gain bandwidth performance than conventional designs, enabling
higher power supply rejection performance at higher frequencies. PSRR is maintained across the full
operating current range however quiescent current consumption is scaled to demand improved
efficiency when current demand is low.
Figure 19: SmartMirrorTM Voltage Regulator
8.6.1
Control
The LDOs can be enabled by writing directly to a register bit (LDO<x>_EN), controlling it via a GPI,
see Section 8.3.1.1, or assigning it to a power sequencer step, see Section 8.9.3. Each LDO features
two voltage control registers (VLDO<x>_A/VLDO<x>_B) that allow two output voltage pre-
configurations. The active setting can then be selected either with a register bit (VLDO<x>_SEL), via
a GPI, see Section 8.3.1.1, or automatically based on the DA9062 power mode. The SLEEP mode of
the LDOs can be linked to either the A or B setting (LDO<x>_SL_A/LDO<x>_SL_B). Therefore, the
LDO will switch to SLEEP mode when the setting is active.
LDO1 differs from the other LDOs because it can be configured as an always-on regulator. This
means that it is also enabled in RESET mode, see Section 8.8.3.
8.6.2
Current Limit
Each LDO provides over-current detection. The current limit is fixed for each LDO based on their
current capability. If any of the LDOs’ current limit is exceeded for longer than 10 ms, an event,
E_LDO_LIM, is triggered. The status of the limit comparator can be observed from LDO<x>_ILIM
(register STATUS_D)
. If an LDO’s current limit is exceeded for longer than 200 ms, the LDO is
automatically disabled. This shutdown feature can be disabled by clearing the LDO_SD register.
Once disabled due to an over-current, the LDO must be re-enabled by one of the sources described
in Section 8.6.1.
8.6.3
Output Pull-Down
When over-voltage (1.06 * VLDO<x>) occurs, the voltage regulators enable an internal load to
discharge the output back to its configured voltage. This feature can be disabled in
LDO<x>_PD_DIS.
VOUT
COUT
ESR
VIN
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com