Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 20Page - Renesas Technology Corp DA9062 Datasheet HTML 21Page - Renesas Technology Corp DA9062 Datasheet HTML 22Page - Renesas Technology Corp DA9062 Datasheet HTML 23Page - Renesas Technology Corp DA9062 Datasheet HTML 24Page - Renesas Technology Corp DA9062 Datasheet HTML 25Page - Renesas Technology Corp DA9062 Datasheet HTML 26Page - Renesas Technology Corp DA9062 Datasheet HTML 27Page - Renesas Technology Corp DA9062 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
24 of 99
© 2022 Renesas Electronics
5.5.3
Buck4
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC.
Table 16: Buck4 Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input voltage
VDD
VDD = VSYS
2.8
5.5
V
Output capacitor
COUT
Including voltage and
temperature coefficient
-50%
2 * 22
+30%
µF
Output capacitor ESR
RCOUT_ESR
f > 100 kHz
Including wiring parasitics
15
50
m
Inductor value
LBUCK
Including current and
temperature dependence
0.7
1.0
1.3
µH
Inductor resistance
RL_DCR
55
100
m
PWM Mode
Output voltage
VBUCK
Programmable in 10 mV steps
Note 1
0.53
1.8
V
Output voltage accuracy
VBUCK_ACC
Including static line/load
regulation and voltage ripple
Note 2
-3%
+3%
Transient load regulation
VTR_LOAD
VDD = 3.6 V, VBUCK = 1.35 V
IOUT = 200 mA to 1000 mA
dI/dt = 3 A/µs
L = 1 µH
25
40
mV
VDD = 3.6 V, VBUCK = 1.35 V
IOUT = 200 mA to 1500 mA
di/dt = 3 A/µs
L = 1 µH
40
60
Transient line regulation
VTR_LINE
VDD = 3.0 V to 3.6 V
IOUT = 500 mA
tR = tF = 10 µs
0.2
3
mV
Output current
IOUT
VDD - VBUCK
≥ 1.25 V
Note 4
1500
mA
VDD - VBUCK
≥ 1.00 V
1250
Current limit
ILIM
Controlled in BUCK4_ILIM
in 100 mA steps
700
2200
mA
Current limit accuracy
ILIM_ACC
ILIM = 700 mA to 1400 mA
-15%
+25%
ILIM = 1400 mA to 2200 mA
-10%
+15%
Quiescent current in
OFF mode
IQ_OFF
1
µA
Quiescent current in
PWM mode
IQ_ON
IOUT = 0 mA
TA = 25 ºC
9
mA
Switching frequency
Note 3
f
OSC_FRQ = 0000
2.85
3
3.15
MHz
Switching duty cycle
DC
14%
83%
Turn-on time
tON
VBUCK = 1.35 V
BUCK_SLOWSTART = disabled
SLEW_RATE = 10 mV/1 µs
BUCK4_ILIM = 1500 mA
0.39
1.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com