Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 24Page - Renesas Technology Corp DA9062 Datasheet HTML 25Page - Renesas Technology Corp DA9062 Datasheet HTML 26Page - Renesas Technology Corp DA9062 Datasheet HTML 27Page - Renesas Technology Corp DA9062 Datasheet HTML 28Page - Renesas Technology Corp DA9062 Datasheet HTML 29Page - Renesas Technology Corp DA9062 Datasheet HTML 30Page - Renesas Technology Corp DA9062 Datasheet HTML 31Page - Renesas Technology Corp DA9062 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
28 of 99
© 2022 Renesas Electronics
5.8
Internal Oscillator
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 19: Internal Oscillator Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Oscillator frequency
fOSC
OSC_FRQ = 0000
5.7
6
6.3
MHz
Note 1
Oscillator frequency can be further adjusted by about ±10 %, see Section 8.14.
5.9
System Supply Voltage Supervision
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 20: System Supply Voltage Supervision Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Under-voltage
lockout lower
threshold
VPOR_LOWER
2.0
V
Under-voltage
lockout upper
threshold
VPOR_UPPER
2.3
V
VSYS under-voltage
lower threshold
VDD_FAULT_LOWER
Note 1
2.5
2.8
3.25
V
VSYS under-voltage
lower threshold
accuracy
VSYS_LOWER
-2%
+2%
VSYS hysteresis
VDD_FAULT_HYS
Note 2
100
200
450
mV
VSYS upper
threshold
VDD_FAULT_UPPER
-2%
VDD_FAULT_LOWER +
VDD_FAULT_HYS
+2%
Reference voltage
VREF
-1.25%
1.2
+1%
V
VREF decoupling
capacitor
CVREF
2.2
µF
Reference current
resistor
RIREF
-1%
200
+1%
k
Note 1
Can be set in 50 mV steps via register VDD_FAULT_ADJ in register CONFIG_B,
setting VDD_FAULT_LOWER
≥ 2.65 V avoids LDOCORE dropout, see Section 5.4.3.
Note 2
Can be set in 50 mV steps via register VDD_HYST_ADJ in register CONFIG_B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com