Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 53Page - Renesas Technology Corp DA9062 Datasheet HTML 54Page - Renesas Technology Corp DA9062 Datasheet HTML 55Page - Renesas Technology Corp DA9062 Datasheet HTML 56Page - Renesas Technology Corp DA9062 Datasheet HTML 57Page - Renesas Technology Corp DA9062 Datasheet HTML 58Page - Renesas Technology Corp DA9062 Datasheet HTML 59Page - Renesas Technology Corp DA9062 Datasheet HTML 60Page - Renesas Technology Corp DA9062 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
57 of 99
© 2022 Renesas Electronics
9
Register Map
9.1
Register Page Control
The device register map is larger than the address range directly addressable from the host
interface. The page control register provides the higher address bits and control for using the paging
mechanism. There are several copies of this register, one per host interface. These copies are
mirrored to addresses 0x080, 0x100 and 0x180.
9.2
Overview
Table 32 provides a summary of the registers. A description of each register is provided in Appendix
A.
Table 32: Register Summary
Address
Name
7
6
5
4
3
2
1
0
Page Control
0x000
PAGE_CON
REVERT
WRITE_MODE
PAGE
Power Manager Control and Monitoring
0x001
STATUS_A
Reserved
DVC_BUSY
Reserved
NONKEY
0x002
STATUS_B
Reserved
GPI4
GPI3
GPI2
GPI1
GPI0
0x004
STATUS_D
Reserved
LDO4_ILIM
LDO3_ILIM
LDO2_ILIM
LDO1_ILIM
0x005
FAULT_LOG
WAIT_SHUT
NRESETREQ
KEY_RESET
TEMP_CRIT
VDD_START
VDD_FAULT
POR
TWD_ERROR
IRQ Events
0x006
EVENT_A
Reserved
EVENTS_C
EVENTS_B
E_SEQ_RDY
E_WDG_WARN
Reserved
E_ALARM
E_NONKEY
0x007
EVENT_B
E_VDD_WARN
Reserved
E_DVC_RDY
Reserved
E_LDO_LIM
Reserved
E_TEMP
Reserved
0x008
EVENT_C
Reserved
E_GPI4
E_GPI3
E_GPI2
E_GPI1
E_GPI0
IRQ Masks
0x00A
IRQ_MASK_A
Reserved
M_SEQ_RDY
M_WDG_WARN
Reserved
M_ALARM
M_NONKEY
0x00B
IRQ_MASK_B
M_VDD_WARN
Reserved
M_DVC_RDY
Reserved
M_LDO_LIM
Reserved
M_TEMP
Reserved
0x00C
IRQ_MASK_C
Reserved
M_GPI4
M_GPI3
M_GPI2
M_GPI1
M_GPI0
System Control
0x00E
CONTROL_A
Reserved
M_POWER1_EN
M_POWER_EN
M_SYSTEM_EN
STANDBY
POWER1_EN
POWER_EN
SYSTEM_EN
0x00F
CONTROL_B
BUCK_SLOWST
ART
NFREEZE
nONKEY_LOCK
NRES_MODE
FREEZE_EN
WATCHDOG_PD
Reserved
0x010
CONTROL_C
DEF_SUPPLY
SLEW_RATE
OTPREAD_EN
AUTO_BOOT
DEBOUNCING
0x011
CONTROL_D
Reserved
TWDSCALE
0x012
CONTROL_E
V_LOCK
Reserved
RTC_EN
RTC_MODE_SD
RTC_MODE_PD
0x013
CONTROL_F
Reserved
WAKE_UP
SHUTDOWN
WATCHDOG
0x014
PD_DIS
PMCONT_DIS
OUT32K_PAUSE BBAT_DIS
CLDR_PAUSE
Reserved
PMIF_DIS
Reserved
GPI_DIS
GPIO Control
0x015
GPIO_0_1
GPIO1_WEN
GPIO1_TYPE
GPIO1_PIN
GPIO0_WEN
GPIO0_TYPE
GPIO0_PIN
0x016
GPIO_2_3
GPIO3_WEN
GPIO3_TYPE
GPIO3_PIN
GPIO2_WEN
GPIO2_TYPE
GPIO2_PIN
0x017
GPIO_4
Reserved
GPIO4_WEN
GPIO4_TYPE
GPIO4_PIN
0x01C
GPIO_WKUP_
MODE
Reserved
GPIO4_WKUP_M
ODE
GPIO3_WKUP_M
ODE
GPIO2_WKUP_MO
DE
GPIO1_WKUP_MO
DE
GPIO0_WKUP_MOD
E
0x01D
GPIO_MODE0_
4
Reserved
GPIO4_MODE
GPIO3_MODE
GPIO2_MODE
GPIO1_MODE
GPIO0_MODE
0x01E
GPIO_OUT0_2 GPIO2_OUT
GPIO1_OUT
GPIO0_OUT
0x01F
GPIO_OUT3_4 Reserved
GPIO4_OUT
GPIO3_OUT
Power Supply Control
0x020
BUCK2_CONT Reserved
VBUCK2_GPI
Reserved
BUCK2_CONF
BUCK2_GPI
BUCK2_EN
0x021
BUCK1_CONT Reserved
VBUCK1_GPI
Reserved
BUCK1_CONF
BUCK1_GPI
BUCK1_EN
0x022
BUCK4_CONT Reserved
VBUCK4_GPI
Reserved
BUCK4_CONF
BUCK4_GPI
BUCK4_EN
0x024
BUCK3_CONT Reserved
VBUCK3_GPI
Reserved
BUCK3_CONF
BUCK3_GPI
BUCK3_EN
0x026
LDO1_CONT
LDO1_CONF
VLDO1_GPI
Reserved
LDO1_PD_DIS
LDO1_GPI
LDO1_EN
0x027
LDO2_CONT
LDO2_CONF
VLDO2_GPI
Reserved
LDO2_PD_DIS
LDO2_GPI
LDO2_EN
0x028
LDO3_CONT
LDO3_CONF
VLDO3_GPI
Reserved
LDO3_PD_DIS
LDO3_GPI
LDO3_EN
0x029
LDO4_CONT
LDO4_CONF
VLDO4_GPI
Reserved
LDO4_PD_DIS
LDO4_GPI
LDO4_EN
0x032
DVC_1
VLDO4_SEL
VLDO3_SEL
VLDO2_SEL
VLDO1_SEL
VBUCK3_SEL
VBUCK4_SEL
VBUCK2_SEL
VBUCK1_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com