Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 36Page - Renesas Technology Corp DA9062 Datasheet HTML 37Page - Renesas Technology Corp DA9062 Datasheet HTML 38Page - Renesas Technology Corp DA9062 Datasheet HTML 39Page - Renesas Technology Corp DA9062 Datasheet HTML 40Page - Renesas Technology Corp DA9062 Datasheet HTML 41Page - Renesas Technology Corp DA9062 Datasheet HTML 42Page - Renesas Technology Corp DA9062 Datasheet HTML 43Page - Renesas Technology Corp DA9062 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
40 of 99
© 2022 Renesas Electronics
Table 24: GPIO Functions
GPIO<X>_
PIN
Function
GPIO<X>_
MODE
GPIO<X>_
TYPE
GPIO<X>_
WKUP_MODE
GPIO<X>_
WEN
0
Alternate
function
No effect
No effect
No effect
No effect
1
GPI
0: Debounce off
1: Debounce on
0: Active low
1: Active high
0: Edge-sensitive
wakeup
1: Level-sensitive
wakeup
0: Wakeup
disabled
1: Wakeup enabled
2
GPO
Open-drain
0: Output low
1: Output high
No effect
No effect
No effect
3
GPO
Push-pull
0: Output low
1: Output high
No effect
No effect
No effect
8.3.1
GPI Functionality
When configured as a GPI, the polarity of the input can be selected with GPIO<x>_TYPE. A
debouncing filter can be applied on the input signals with a configurable debouncing time (register
DEBOUNCING). An event is generated at the active edge of the input. The active edge is determined
by the signal polarity configured in GPIO<x>_TYPE. The event can be further configured to generate
a wakeup via GPIO<x>_WKUP_MODE and GPIO<x>_WEN. An internal pull-down can be activated
for the inputs in GPIO<x>_PUPD.
A level sensitive wakeup event can also be configured for each GPI via GPIO<x>_WKUP_MODE
and GPIO<x>_WEN. The functionality of the level-sensitive wakeup is described in Table 29.
8.3.1.1
Regulator Control
GPIO1, GPIO2, and GPIO3 can be used for controlling DA9062 regulators. When configured as
GPIs, they can be used to enable regulators or select between their two output voltage settings.
As seen in Figure 18, the regulator control is branched after the GPIO<x>_TYPE register allowing
active edge delegation for the regulator control. Finally, the functionality for the GPI is selected with
the regulator controls BUCK<x>_GPI, LDO<x>_GPI, VBUCK<x>_GPI, and VLDO<x>_GPI.
One GPI can be used to control the same function on multiple regulators simultaneously. When a
regulator is controlled by a GPI, the same function (on/off or voltage selection) can no longer be
controlled by the power supply sequencer. The regulator still responds normally to register writes to
the control bit.
Enable/Disable Control
A GPI is used for enabling/disabling regulators when it is selected in one of the BUCK<x>_GPI or
LDO<x>_GPI controls. A passive to active transition sets the regulator enable bit (BUCK<x>_EN,
LDO<x>_EN), and an active to passive transition clears it.
Output Voltage Control
A GPI is used for the output voltage selection when it is selected in one of the VBUCK<x>_GPI or
VLDO<x>_GPI controls. A passive to active transition sets the voltage selection bit
(VBUCK<x>_SEL, VLDO<x>_SEL), and an active to passive edge clears it.
8.3.1.2
Sequencer WAIT_STEP
GPIO3 can be used for the WAIT_STEP functionality. The power sequencer can be programmed to
wait for either a rising or falling edge of the WAIT_STEP input, see Section 8.9.5. The active edge is
selected from GPIO<x>_TYPE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com