Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 25Page - Renesas Technology Corp DA9062 Datasheet HTML 26Page - Renesas Technology Corp DA9062 Datasheet HTML 27Page - Renesas Technology Corp DA9062 Datasheet HTML 28Page - Renesas Technology Corp DA9062 Datasheet HTML 29Page - Renesas Technology Corp DA9062 Datasheet HTML 30Page - Renesas Technology Corp DA9062 Datasheet HTML 31Page - Renesas Technology Corp DA9062 Datasheet HTML 32Page - Renesas Technology Corp DA9062 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
29 of 99
© 2022 Renesas Electronics
5.10 Junction Temperature Supervision
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 21: Junction Temperature Supervision Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
POR temperature
threshold Note 1
TPOR
Note 2
145
150
155
°C
Critical temperature
threshold Note 1
TCRIT
Note 2
135
140
145
°C
Warning temperature
threshold Note 1
TWARN
Note 2
120
125
130
°C
Note 1
See Section 8.10.
Note 2
Thermal thresholds are non-overlapping.
5.11 Current Consumption
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 22: Current Consumption Electrical Characteristics
Operating Mode
Symbol
Test Conditions
VBBAT
(Typ)
VSYS
(Typ)
Unit
RTC mode
IDDRTC
VSYS > 2.0 V
VBBAT > VSYS
1.5
Note 1
1.0
µA
VSYS > 2.0 V
VBBAT < VSYS
0.5
7
Note 2
µA
POWERDOWN mode
IDDPD
VSYS > 3.0 V
LDOCORE enabled
Bucks and LDOs disabled
40
µA
ACTIVE mode
IDDACT
Bucks and LDOs enabled
400
µA
Note 1
Maximum current is 2.5
μA for TA
 85 C and VBBAT  3.1 V.
Note 2
Maximum current is 10
μA for TA
 85 C and VSYS  5.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com