Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 56Page - Renesas Technology Corp DA9062 Datasheet HTML 57Page - Renesas Technology Corp DA9062 Datasheet HTML 58Page - Renesas Technology Corp DA9062 Datasheet HTML 59Page - Renesas Technology Corp DA9062 Datasheet HTML 60Page - Renesas Technology Corp DA9062 Datasheet HTML 61Page - Renesas Technology Corp DA9062 Datasheet HTML 62Page - Renesas Technology Corp DA9062 Datasheet HTML 63Page - Renesas Technology Corp DA9062 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
60 of 99
© 2022 Renesas Electronics
10 Application Information
10.1 Component Selection
The following recommended components are examples selected from requirements of a typical
application. The final component selection will be dependent on the specific application. The
electrical characteristics (for example, supported voltage/current range) have to be cross-checked
and component types may need to be adapted from the individual needs of the target circuitry.
10.1.1
Resistors
Table 33: Recommended Resistors
Pin
Value
Tol.
Size (mm)
Rating (mW)
Part
IREF
200 k
Ω
±1%
1005
100
Panasonic ERJ2RKF2003x
10.1.2
Capacitors
Ceramic capacitors are used as bypass capacitors at all VDD and output rails. When selecting a
capacitor, especially ones with high capacitance and small size, the DC bias characteristic has to be
taken into account.
On the VSYS main supply rail, a minimum distributed capacitance of 40
μF (actual capacitance after
voltage and temperature derating) is required.
Buck input capacitors should be within 1.5 mm distance from the supply pin, and the output capacitor
should be close to the inductor.
Table 34: Recommended Capacitors
Pin
Value
Tol.
Size
(mm)
Height
(mm)
Temp.
Char.
Rating
(V)
Part
VLDO1
1 µF
±10%
1005
0.55
X5R
10
GRM155R61A105KE15
VLDOx
2.2 µF
±20%
1005
0.55
X5R
10
GRM155R60J225ME95#
VBUCK3
IOUT
≤ 1.5 A
2 x 22 µF
±20%
2012
0.95
X5R
6.3
GRM219R60J226M***
±20%
1005
0.5
X5R
4.0
CL05A226MR5NZNC
VBUCK3
IOUT > 1.5 A
2 x 47 µF
±20%
2012
0.95
X5R
4.0
GRM219R60G476M***
±20%
1608
0.8
X5R
4.0
CL10A476MR8NZN
VBUCK4
2 x 22 µF
±20%
1608
1
X5R
6.3
GRM188R60J226MEA0
±20%
1005
0.5
X5R
4.0
CL05A226MR5NZNC
VBUCK4
(VTT mode)
2 x 47 µF
±20%
2012
0.95
X5R
4.0
GRM219R60G476M***61
±20%
1608
0.8
X5R
4.0
CL10A476MR8NZN
VBUCK1,
VBUCK2
(half-current
mode)
2 x 22 µF
±20%
1608
1
X5R
6.3
GRM188R60J226MEA0
±20%
1005
0.5
X5R
4.0
CL05A226MR5NZNC
VBUCK1,
VBUCK2
(full-current
mode)
2 x 47 µF
±20%
2012
0.95
X5R
4.0
GRM219R60G476M***61
±20%
1608
0.8
X5R
4.0
CL10A476MR8NZN
VSYS
1 x 1 µF
±10%
1005
0.5
X5R
10
GRM155R61A105KE15D
VDD_BUCKx
2 x 22 µF
±20%
2012
1.25
X5R
10
LMK212BJ226MG-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com