Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 19Page - Renesas Technology Corp DA9062 Datasheet HTML 20Page - Renesas Technology Corp DA9062 Datasheet HTML 21Page - Renesas Technology Corp DA9062 Datasheet HTML 22Page - Renesas Technology Corp DA9062 Datasheet HTML 23Page - Renesas Technology Corp DA9062 Datasheet HTML 24Page - Renesas Technology Corp DA9062 Datasheet HTML 25Page - Renesas Technology Corp DA9062 Datasheet HTML 26Page - Renesas Technology Corp DA9062 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
23 of 99
© 2022 Renesas Electronics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Current limit
ILIM
Controlled in BUCK3_ILIM
in 100 mA steps
1700
3200
mA
Current limit accuracy
ILIM_ACC
-20%
20%
Quiescent current in
OFF mode
IQ_OFF
1
µA
Quiescent current in
PWM mode
IQ_ON
IOUT = 0 mA
TA = 25 ºC
9
mA
Switching frequency
Note 3
f
OSC_FRQ = 0000
2.85
3
3.15
MHz
Switching duty cycle
DC
15%
90%
Turn-on time
tON
VBUCK = 1.8 V
BUCK_SLOWSTART = disabled
SLEW_RATE = 20 mV/2 µs
BUCK3_ILIM = 2500 mA
0.44
1.5
ms
Output pull-down
resistance
RPD
VBUCK = 0.5 V
Disabled via BUCK3_PD_DIS
100
200
Ω
PMOS ON resistance
RPMOS
Including pin and routing
VDD = 3.6 V
150
mΩ
NMOS ON resistance
RNMOS
Including pin and routing
VDD = 3.6 V
60
mΩ
PFM Mode
Output voltage
VBUCK_PFM
Programmable in 20 mV steps
0.8
3.34
V
Mode transition current
threshold (PFM to PWM)
in AUTO mode Note 5
IAUTO_THR
VDD = 3.6 V, VBUCK = 1.8 V
RTRACK
 45 mΩ including
bondwire, PCB, inductor ESR
400
mA
Output current
IOUT_PFM
Forced PFM mode
300
mA
Current limit
ILIM_PFM
1000
mA
Quiescent current
IQ_PFM
Forced PFM mode
IOUT = 0 mA
22
25
µA
AUTO mode
IOUT = 0 mA
30
35
Mode transition time
tAUTO
AUTO mode
6
µs
Note 1
Maximum output is VDD
– 0.7 V
Note 2
Minimum tolerance 35 mV.
Note 3
Generated from internal 6 MHz oscillator and can be adjusted by ±10 % via register OSC_FRQ, see
Section 8.14.
Note 4
For short durations to meet peak current requirements IOUT can be operated at up to 10 % higher than
the specified maximum operating condition. The part should not be operated in this mode for extended
periods and is not guaranteed for continuous operation.
Note 5
Auto-mode is not recommended for new designs, see Section
8.7.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com