Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 21Page - Renesas Technology Corp DA9062 Datasheet HTML 22Page - Renesas Technology Corp DA9062 Datasheet HTML 23Page - Renesas Technology Corp DA9062 Datasheet HTML 24Page - Renesas Technology Corp DA9062 Datasheet HTML 25Page - Renesas Technology Corp DA9062 Datasheet HTML 26Page - Renesas Technology Corp DA9062 Datasheet HTML 27Page - Renesas Technology Corp DA9062 Datasheet HTML 28Page - Renesas Technology Corp DA9062 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
25 of 99
© 2022 Renesas Electronics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output pull-down
resistance
RPD
VBUCK = 0.5 V
Disabled via BUCK4_PD_DIS
100
200
Ω
PMOS ON resistance
RPMOS
Including pin and routing
VDD = 3.6 V
150
m
Ω
NMOS ON resistance
RNMOS
Including pin and routing
VDD = 3.6 V
60
m
Ω
PFM Mode
Output voltage
VBUCK_PFM
Programmable in 10 mV steps.
0.53
1.8
V
Mode transition current
threshold (PFM to PWM)
in AUTO mode (Note 5)
IAUTO_THR
VDD = 3.6 V, VBUCK = 1.35 V
RTRACK
 45 mΩ including
bondwire, PCB, inductor ESR
400
mA
Output current
IOUT_PFM
300
mA
Current limit
ILIM_PFM
1000
mA
Quiescent current
IQ_PFM
Forced PFM mode
IOUT = 0 mA
22
25
µA
AUTO mode
IOUT = 0 mA
30
35
Mode transition time
tAUTO
AUTO mode
6
µs
VTT Mode
Input voltage
VDD
2.8
5.5
V
Output capacitor
COUT
Including voltage and
temperature coefficient
-50%
2 * 47
+30%
µF
Output capacitor ESR
RCOUT_ESR
f > 100 kHz
Including wiring parasitics
7.5
25
m
Inductor value
LBUCK
0.25
µH
Inductor resistance
RL_DCR
80
120
m
Output voltage
VBUCK
VBUCK = VDDQ/2
0.675
1.3
V
Output voltage accuracy
VBUCK_ACC
Relative to VTTR
Including static line/load
regulation and voltage ripple.
-3%
+4%
Output current
IOUT
VBUCK = 0.675 V
±450
mA
VBUCK = 0.700 V
±550
VBUCK = 0.750 V
±700
Transient load regulation
VTR_LOAD
VDD = 3.6 V, VBUCK = 0.675 V
IOUT = +10 mA to +1.0 A
IOUT = -450 mA to -10 mA
dI/dt = 3 A/µs
L = 0.25 µH
25
40
mV
VDD = 3.6 V, VBUCK = 0.675 V
IOUT = +1 A to +10 mA
IOUT = -10 mA to -450 mA
dI/dt = 3 A/µs
L = 0.25 µH
35
50
VDD = 3.6 V, VBUCK = 0.75 V
IOUT = +10 mA to +1.0 A
IOUT = -700 mA to -10 mA
dI/dt = 3 A/µs
L = 0.25 µH
25
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com