Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 63Page - Renesas Technology Corp DA9062 Datasheet HTML 64Page - Renesas Technology Corp DA9062 Datasheet HTML 65Page - Renesas Technology Corp DA9062 Datasheet HTML 66Page - Renesas Technology Corp DA9062 Datasheet HTML 67Page - Renesas Technology Corp DA9062 Datasheet HTML 68Page - Renesas Technology Corp DA9062 Datasheet HTML 69Page - Renesas Technology Corp DA9062 Datasheet HTML 70Page - Renesas Technology Corp DA9062 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
67 of 99
© 2022 Renesas Electronics
Table 42: STATUS_D (0x004)
Field
Bit
Type
Description
Reserved
7:4
R
Reserved
LDO4_ILIM
3:3
R
LDO4 over-current indicator
LDO3_ILIM
2:2
R
LDO3 over-current indicator
LDO2_ILIM
1:1
R
LDO2 over-current indicator
LDO1_ILIM
0:0
R
LDO1 over-current indicator
Table 43: FAULT_LOG (0x005)
Field
Bit
Type
Description
WAIT_SHUT
7:7
R
Note 1
Power-down due to sequencer WAIT_STEP timeout.
See Section 8.9.5 for further information.
NRESETREQ
6:6
R
Note 1
Power-down due to nRESETREQ pin or control SHUTDOWN.
KEY_RESET
5:5
R
Note 1
Power-down due to nONKEY
TEMP_CRIT
4:4
R
Note 1
Junction over-temperature
VDD_START
3:3
R
Note 1
Power-down due to VSYS under-voltage before or within
16 seconds after release of nRESET.
VDD_FAULT
2:2
R
Note 1
Power-down due to VSYS under-voltage (VSYS < VDD_FAULT_LOWER)
POR
1:1
R
Note 1
DA9062 starts up from NO-POWER or RTC / DELIVERY mode.
TWD_ERROR
0:0
R
Note 1
Watchdog timeout
Note 1
Cleared from the host by writing back the read value.
A.1.3
IRQ Events
Table 44: EVENT_A (0x006)
Field
Bit
Type
Description
Reserved
7:7
R
Reserved
EVENTS_C
6:6
R
Event in register EVENT_C is active.
EVENTS_B
5:5
R
Event in register EVENT_B is active.
E_SEQ_RDY
4:4
R
Note 1
Sequencer reached final position.
E_WDG_WARN
3:3
R
Note 1
Watchdog timeout warning
E_TICK
2:2
R
RTC tick
E_ALARM
1:1
R
Note 1
RTC alarm
E_NONKEY
0:0
R
Note 1
nONKEY event
Note 1
Cleared from the host by writing back the read value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com