Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 61Page - Renesas Technology Corp DA9062 Datasheet HTML 62Page - Renesas Technology Corp DA9062 Datasheet HTML 63Page - Renesas Technology Corp DA9062 Datasheet HTML 64Page - Renesas Technology Corp DA9062 Datasheet HTML 65Page - Renesas Technology Corp DA9062 Datasheet HTML 66Page - Renesas Technology Corp DA9062 Datasheet HTML 67Page - Renesas Technology Corp DA9062 Datasheet HTML 68Page - Renesas Technology Corp DA9062 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
65 of 99
© 2022 Renesas Electronics
11 Ordering Information
The ordering number consists of the part number followed by a suffix indicating the packing method.
The “xx” represents a placeholder for the specific OTP variant. For details and availability, please
consult
Dialog’s website or your local sales representative.
Table 38: Ordering Information
Part Number
Package (mm)
Package Description
MOQ
Consumer / Industrial: 25 °C production testing
DA9062-xxAM1
QFN40, 6 mm x 6 mm
Tray, 490 pcs
14 Trays - 6860
DA9062-xxAM2,
Note 1
QFN40, 6 mm x 6 mm
T&R, 4000 pcs
DA9062-xxAMC
QFN40, 6 mm x 6 mm
T&R, 1100 pcs
6 Reels, - 6600
Note 1
Large reel sizes are no longer supported, contact sales for further information
12 Package Marking
A1 Corner >
Format
1st
Orientation
2nd
Logo
3rd
D
A
9
0
6
2
Part No.
4th
x
x
v
v
-
A
T
OTP/Silicon Version/Option
5th
y
y
w
w
z
z
z
z
Date Code
xx identifies the OTP Variant, vv may be used to show the silicon version.
Package Marking
Marking Content
●
Date Code Format: yy = Year, ww = Week, zzzz = Traceability
-A and -AT optionally indicate the Automotive and Automotive high Temp test options.
e3
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com