Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 93Page - Renesas Technology Corp DA9062 Datasheet HTML 94Page - Renesas Technology Corp DA9062 Datasheet HTML 95Page - Renesas Technology Corp DA9062 Datasheet HTML 96Page - Renesas Technology Corp DA9062 Datasheet HTML 97Page - Renesas Technology Corp DA9062 Datasheet HTML 98Page - Renesas Technology Corp DA9062 Datasheet HTML 99Page - Renesas Technology Corp DA9062 Datasheet HTML 100Page - Renesas Technology Corp DA9062 Datasheet HTML 101Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
97 of 99
© 2022 Renesas Electronics
Table 158: GP_ID_15 (0x130)
Field
Bit
Type
Description
GP_15
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.
Table 159: GP_ID_16 (0x131)
Field
Bit
Type
Description
GP_16
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.
Table 160: GP_ID_17 (0x132)
Field
Bit
Type
Description
GP_17
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.
Table 161: GP_ID_18 (0x133)
Field
Bit
Type
Description
GP_18
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.
Table 162: GP_ID_19 (0x134)
Field
Bit
Type
Description
GP_19
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com