Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 72Page - Renesas Technology Corp DA9062 Datasheet HTML 73Page - Renesas Technology Corp DA9062 Datasheet HTML 74Page - Renesas Technology Corp DA9062 Datasheet HTML 75Page - Renesas Technology Corp DA9062 Datasheet HTML 76Page - Renesas Technology Corp DA9062 Datasheet HTML 77Page - Renesas Technology Corp DA9062 Datasheet HTML 78Page - Renesas Technology Corp DA9062 Datasheet HTML 79Page - Renesas Technology Corp DA9062 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
76 of 99
© 2022 Renesas Electronics
Table 66: BUCK4_CONT (0x022)
Field
Bit
Type
Description
Reserved
7:7
R/W
Reserved
VBUCK4_GPI
6:5
R/W
Voltage controlling GPI
(passive to active transition: VBUCK4_A
active to passive transition: VBUCK4_B)
00: Sequencer controlled
01: Select GPI1
10: Select GPI2
11: Select GPI3
Reserved
4:4
R/W
Reserved
BUCK4_CONF
3:3
R/W
Default supply, or sequenced and on in POWERDOWN
BUCK4_GPI
2:1
R/W
Enabling GPI
(passive to active transition: enable
active to passive transition: disable)
00: Sequencer controlled
01: Select GPI1
10: Select GPI2
11: Select GPI3
BUCK4_EN
0:0
R/W
Disable (0) / enable (1) the buck (dependent on on/off priority
order)
Table 67: BUCK3_CONT (0x024)
Field
Bit
Type
Description
Reserved
7:7
R/W
Reserved
VBUCK3_GPI
6:5
R/W
Voltage controlling GPI
(passive to active transition: VBUCK3_A
active to passive transition: VBUCK3_B)
00: Sequencer controlled
01: Select GPI1
10: Select GPI2
11: Select GPI3
Reserved
4:4
R/W
Reserved
BUCK3_CONF
3:3
R/W
Default supply, or sequenced and on in POWERDOWN
BUCK3_GPI
2:1
R/W
Enabling GPI
(passive to active transition: enable
active to passive transition: disable)
00: Sequencer controlled
01: Select GPI1
10: Select GPI2
11: Select GPI3
BUCK3_EN
0:0
R/W
Disable (0) / enable (1) the buck (dependent on on/off priority
order)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com