Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 31Page - Renesas Technology Corp DA9062 Datasheet HTML 32Page - Renesas Technology Corp DA9062 Datasheet HTML 33Page - Renesas Technology Corp DA9062 Datasheet HTML 34Page - Renesas Technology Corp DA9062 Datasheet HTML 35Page - Renesas Technology Corp DA9062 Datasheet HTML 36Page - Renesas Technology Corp DA9062 Datasheet HTML 37Page - Renesas Technology Corp DA9062 Datasheet HTML 38Page - Renesas Technology Corp DA9062 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
35 of 99
© 2022 Renesas Electronics
8
Functional Description
8.1
Control Signals
Each of the input signals described below feature a debounce filter. They share a common debounce
time control (DEBOUNCING).
8.1.1
nONKEY
nONKEY is an edge-sensitive signal that controls the power mode of DA9062. Both falling and rising
edges are detected and the time between the edges is measured. This enables different lengths of
key press detection. The detection circuitry is enabled in all power modes of the device.
The status of the signal after debouncing can be read from NONKEY (register STATUS_A). The
mask bit M_NONKEY prevents interrupt and wakeup events that would normally be caused by an
nONKEY event.
nONKEY has four modes of operation, see Table 23, which can be selected by NONKEY_PIN.
NONKEY_LOCK controls the wakeup event generation of the nONKEY. If NONKEY_LOCK is
asserted (depends on NONKEY_PIN), a short nONKEY press (shorter than KEY_DELAY) will not
generate a wakeup.
Table 23: nONKEY Functions
NONKEY_PIN
Function
00
An event (E_nONKEY) is generated when nONKEY is asserted. If not masked, the event
causes an interrupt. A wakeup is triggered if the device is in POWERDOWN mode.
01
A timer is started when nONKEY is asserted. If the signal is de-asserted before the time
programmed in KEY_DELAY, an event (E_nONKEY) is generated at the rising edge. If the
signal stays asserted and the timer reaches the programmed value, an event is generated and
nONKEY_LOCK is asserted.
10
A timer is started when nONKEY is asserted. If the signal is de-asserted before the time
programmed in KEY_DELAY, an event (E_nONKEY) is generated at the rising edge. If the
signal stays asserted and the timer reaches the programmed value, an event is generated,
nONKEY_LOCK is asserted, and a power-down sequence is triggered by automatically
clearing SYSTEM_EN.
11
A timer is started when nONKEY is asserted. If the signal is de-asserted before the time
programmed in KEY_DELAY, an event (E_nONKEY) is generated at the rising edge,
SYSTEM_EN is cleared, and STANDBY is asserted. If the signal stays asserted and the timer
reaches the programmed value, an event is generated, nONKEY_LOCK is asserted, and
SYSTEM_EN and STANDBY are cleared.
Whenever nONKEY_LOCK is asserted, a long key press (longer than the time programmed in
KEY_DELAY) is required to wakeup from POWERDOWN mode. If the wakeup is also desired after a
short key press, nONKEY_LOCK has to be cleared before entering the POWERDOWN mode.
8.1.2
nRESETREQ
nRESETREQ is an active-low reset request that causes DA9062 to enter RESET mode. The
transition to the RESET mode is handled by the power sequencer and it can be sped up by setting
the HOST_SD_MODE bit. Before entering the RESET mode, a fault log bit is set (nRESETREQ) and
nRESET is asserted.
nRESETREQ should be tied to an always-on rail that is supplied in all modes of the DA9062 such as
VSYS. It is not recommended to tie nRESETREQ to any of the regulator outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com