Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 14Page - Renesas Technology Corp DA9062 Datasheet HTML 15Page - Renesas Technology Corp DA9062 Datasheet HTML 16Page - Renesas Technology Corp DA9062 Datasheet HTML 17Page - Renesas Technology Corp DA9062 Datasheet HTML 18Page - Renesas Technology Corp DA9062 Datasheet HTML 19Page - Renesas Technology Corp DA9062 Datasheet HTML 20Page - Renesas Technology Corp DA9062 Datasheet HTML 21Page - Renesas Technology Corp DA9062 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
18 of 99
© 2022 Renesas Electronics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent current in
ON mode
IQ_ON
TA = 25 ºC
9 +
0.34% IOUT
μA
Quiescent current in
SLEEP mode
IQ_SLEEP
TA = 25 ºC
2 +
0.7% IOUT
μA
Quiescent current in
OFF mode
IQ_OFF
VLDO < 0.5 V
TA = 25 ºC
1
μA
Turn-on time
TON
10 % to 90 %
200
µs
SLEEP mode
300
Turn-off time
TOFF
90 % to 10 %
Pull-down enabled
1
ms
Pull-down resistance in
OFF mode
ROFF
VLDO = 0.5 V
Can be disabled via
LDO<x>_PD_DIS
50
Ω
Note 1
At VDD = 1.8 V, the dropout voltage at IOUT_MAX increases by 70%.
5.4.3
LDOCORE
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 13: LDOCORE Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output voltage
VDDCORE
Note 1
2.45
2.5
2.55
V
RESET mode
2.2
V
Stabilization capacitor
COUT
Including voltage and
temperature coefficient
-55%
2.2
+35%
µF
Output capacitor ESR
RCOUT_ESR
f > 1 MHz
including wiring parasitics
0
300
m
Ω
Dropout voltage
VDROPOUT
Note 2
50
100
mV
Note 1
Setting VDD_FAULT_LOWER
≥ 2.65 V avoids LDOCORE dropout, see Section 5.9.
Note 2
The LDOCORE supply, VSYS, must be maintained above VDDCORE + VDROPOUT.
Note
LDOCORE is only used to supply internal circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com