Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 67Page - Renesas Technology Corp DA9062 Datasheet HTML 68Page - Renesas Technology Corp DA9062 Datasheet HTML 69Page - Renesas Technology Corp DA9062 Datasheet HTML 70Page - Renesas Technology Corp DA9062 Datasheet HTML 71Page - Renesas Technology Corp DA9062 Datasheet HTML 72Page - Renesas Technology Corp DA9062 Datasheet HTML 73Page - Renesas Technology Corp DA9062 Datasheet HTML 74Page - Renesas Technology Corp DA9062 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
71 of 99
© 2022 Renesas Electronics
Table 54: CONTROL_E (0x012)
Field
Bit
Type
Description
V_LOCK
7:7
R/W
Prevent host from writing to registers 0x81 - 0x120 except 0x100.
Reserved
6:3
R/W
Reserved
RTC_EN
2:2
R/W
Enable Real Time Clock and alarm.
RTC_MODE_SD
1:1
R/W
Disable all supplies, blocks and LDOCORE if PSM enters RESET
mode as a result of a VDD_FAULT condition.
RTC_MODE_PD
0:0
R/W
Disable all supplies, blocks and LDOCORE if PSM enters
POWERDOWN mode.
Table 55: CONTROL_F (0x013)
Field
Bit
Type
Description
Reserved
7:3
R/W
Reserved
WAKE_UP
2:2
R/W
Wakeup from POWERDOWN mode. Cleared automatically.
SHUTDOWN
1:1
R/W
Power-down to RESET mode. Cleared automatically.
WATCHDOG
0:0
R/W
Reset watchdog timer. Cleared automatically.
Table 56: PD_DIS (0x014)
Field
Bit
Type
Description
PMCONT_DIS
7:7
R/W
Disable SYS_EN, PWR_EN and PWR1_EN in POWERDOWN
mode.
OUT32K_PAUSE
6:6
R/W
Disable OUT_32K in POWERDOWN mode.
BBAT_DIS
5:5
R/W
Disable backup battery charger in POWERDOWN mode.
CLDR_PAUSE
4:4
R/W
Disable calendar update in POWERDOWN mode.
Reserved
3:3
R/W
Reserved
PMIF_DIS
2:2
R/W
Disable 2-wire interface in POWERDOWN mode.
Reserved
1:1
R/W
Reserved
GPI_DIS
0:0
R/W
Disable E_GPI<x> events in POWERDOWN mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com