Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9062 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 92Page - Renesas Technology Corp DA9062 Datasheet HTML 93Page - Renesas Technology Corp DA9062 Datasheet HTML 94Page - Renesas Technology Corp DA9062 Datasheet HTML 95Page - Renesas Technology Corp DA9062 Datasheet HTML 96Page - Renesas Technology Corp DA9062 Datasheet HTML 97Page - Renesas Technology Corp DA9062 Datasheet HTML 98Page - Renesas Technology Corp DA9062 Datasheet HTML 99Page - Renesas Technology Corp DA9062 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
96 of 99
© 2022 Renesas Electronics
Table 150: GP_ID_7 (0x128)
Field
Bit
Type
Description
GP_7
7:0
R/W
General purpose register
Table 151: GP_ID_8 (0x129)
Field
Bit
Type
Description
GP_8
7:0
R/W
General purpose register
Table 152: GP_ID_9 (0x12A)
Field
Bit
Type
Description
GP_9
7:0
R/W
General purpose register
Table 153: GP_ID_10 (0x12B)
Field
Bit
Type
Description
GP_10
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.
Table 154: GP_ID_11 (0x12C)
Field
Bit
Type
Description
GP_11
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.
Table 155: GP_ID_12 (0x12D)
Field
Bit
Type
Description
GP_12
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.
Table 156: GP_ID_13 (0x12E)
Field
Bit
Type
Description
GP_13
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.
Table 157: GP_ID_14 (0x12F)
Field
Bit
Type
Description
GP_14
7:0
R/W
General purpose register Note 1
Note 1
The value is persistent through a warm reset such as triggered by the nRESETREQ pin or by the
SHUTDOWN control in register CONTROL_F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com